Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE Datasheet (PDF) - Goodwork Semiconductor Co., Ltd .

1.5KE Datasheet PDF - Goodwork Semiconductor Co., Ltd .
Part # 1.5KE
Download  1.5KE Download
File Size   178.93 Kbytes
Page   4 Pages
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .
Description 1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS

1.5KE Datasheet (PDF)

Go To PDF Page Download Datasheet
1.5KE Datasheet PDF - Goodwork Semiconductor Co., Ltd .

Part # 1.5KE
Download  1.5KE Click to download

File Size   178.93 Kbytes
Page   4 Pages
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .
Description 1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS

1.5KE Datasheet (HTML) - Goodwork Semiconductor Co., Ltd .


1.5KE Product details

VOLTAGE RANGE 6.8 to 600 Volts 1500 Watts Peak Power

FEATURES
* 1500 Watts Surge Capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time: Typically less than 1.0ps from 0 volt to BV min.
* Typical IR less than 1 A above 10V
* High temperature soldering guaranteed: 260°C / 10 seconds / .375"(9.5mm) lead length, 5lbs.(2.3kg) tension




Similar Part No. - 1.5KE

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
1500W Transient Voltage Suppressor
logo
Vishay Siliconix
1.5KE VISHAY-1.5KE Datasheet
113Kb / 6P
TRANSZORB Transient Voltage Suppressors
30-Oct-02
logo
Littelfuse
1.5KE LITTELFUSE-1.5KE Datasheet
123Kb / 4P
Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
logo
DB Lectro Inc
1.5KE DBLECTRO-1.5KE Datasheet
147Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
1500W Surface Mount Transient Voltage Suppressor
More results


Similar Description - 1.5KE

ManufacturerPart #DatasheetDescription
logo
Bytes
15KE BYTES-15KE Datasheet
304Kb / 4P
1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
1N6373 ONSEMI-1N6373 Datasheet
60Kb / 8P
1500 Watt Peak Power Mosorb Zener Transient Voltage Suppressors
June, 2002 ??Rev. 2
1SMC5.0AT3 ONSEMI-1SMC5.0AT3 Datasheet
69Kb / 8P
1500 Watt Peak Power Zener Transient Voltage Suppressors
May, 2001 ??Rev. 3
15SMC68AT3 ONSEMI-15SMC68AT3 Datasheet
82Kb / 8P
1500 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 5
1SMC5.0AT3 ONSEMI-1SMC5.0AT3_07 Datasheet
71Kb / 7P
1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2007 ??Rev. 5
1.5SMC6.8AT3 ONSEMI-1.5SMC6.8AT3_07 Datasheet
73Kb / 7P
1500 Watt Peak Power Zener Transient Voltage Suppressors Unidirectional*
February, 2007 ??Rev. 7
logo
UNIOHM CORPORATION
1.5KE UNIOHM-1.5KE Datasheet
87Kb / 4P
1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
1.5SMC6.8AT3G ONSEMI-1.5SMC6.8AT3G Datasheet
175Kb / 7P
1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 10
1SMC5.0AT3G ONSEMI-1SMC5.0AT3G Datasheet
174Kb / 7P
1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 8
SZ1.5SMC27AT3G ONSEMI-SZ1.5SMC27AT3G Datasheet
142Kb / 7P
1500 Watt Peak Power Zener Transient Voltage Suppressors
October, 2009 ??Rev. 8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com