Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT49C460 Datasheet (PDF) - Integrated Device Technology

IDT49C460 Datasheet PDF - Integrated Device Technology
Part # IDT49C460
Download  IDT49C460 Download
File Size   714.46 Kbytes
Page   32 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT

IDT49C460 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT49C460 Datasheet PDF - Integrated Device Technology

Part # IDT49C460
Download  IDT49C460 Click to download

File Size   714.46 Kbytes
Page   32 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT

IDT49C460 Datasheet (HTML) - Integrated Device Technology


IDT49C460 Product details

DESCRIPTION:
The IDT49C460s are high-speed, low-power, 32-bit Error Detection and Correction Units which generate check bits on a 32-bit data field according to a modified Hamming Code and correct the data word when check bits are supplied.

FEATURES:
• Fast
                                 Detect          Correct
   — IDT49C460E 10ns (max.) 14ns (max.)
   — IDT49C460D 12ns (max.) 18ns (max.)
   — IDT49C460C 16ns (max.) 24ns (max.)
   — IDT49C460B 25ns (max.) 30ns (max.)
   — IDT49C460A 30ns (max.) 36ns (max.)
   — IDT49C460 40ns (max.) 49ns (max.)
• Low-power CMOS
   — Commercial: 95mA (max.)
   — Military: 125mA (max.)
• Improves system memory reliability
   — Corrects all single bit errors, detects all double and some
      triple-bit errors
• Cascadable
   — Data words up to 64-bits
• Built-in diagnostics
   — Capable of verifying proper EDC operation via software
      control
• Simplified byte operations
   — Fast byte writes possible with separate byte enables
• Functional replacement for 32- and 64-bit configurations of
   the AM29C60 and AM29C660
• Available in PGA, PLCC and Fine Pitch Flatpack
• Military product compliant to MIL-STD-883, Class B
• Standard Military Drawing #5962–88533




Similar Part No. - IDT49C460

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49C465 IDT-IDT49C465 Datasheet
402Kb / 38P
32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C465A IDT-IDT49C465A Datasheet
402Kb / 38P
32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C465AG IDT-IDT49C465AG Datasheet
402Kb / 38P
32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C465AGB IDT-IDT49C465AGB Datasheet
402Kb / 38P
32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C465APQF IDT-IDT49C465APQF Datasheet
402Kb / 38P
32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
More results


Similar Description - IDT49C460

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8406 NSC-DP8406 Datasheet
225Kb / 14P
32-Bit Parallel Error Detection and Correction Circuit
logo
ON Semiconductor
MC10E193 ONSEMI-MC10E193 Datasheet
108Kb / 4P
ERROR DETECTION/ CORRECTION CIRCUIT
REV 3
logo
Dynex Semiconductor
MA31755 DYNEX-MA31755 Datasheet
134Kb / 13P
16-Bit Feedthrough Error Detection & Correction Unit EDAC
logo
Integrated Device Techn...
IDT49C465 IDT-IDT49C465 Datasheet
402Kb / 38P
32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C466 IDT-IDT49C466 Datasheet
234Kb / 27P
64-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
logo
Micrel Semiconductor
SY10E193 MICREL-SY10E193 Datasheet
62Kb / 4P
ERROR DETECTION/ CORRECTION CIRCUIT
logo
ATMEL Corporation
29C516E ATMEL-29C516E Datasheet
94Kb / 16P
16 Bit Flow Through EDAC Error Detection And Correction unit
logo
National Semiconductor ...
DP8402A NSC-DP8402A Datasheet
319Kb / 18P
DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
logo
Texas Instruments
SN54LS630 TI-SN54LS630 Datasheet
352Kb / 9P
16-BIT PARALLEL ERROR DETECTION AND CORRECTION CIRCUITS
logo
ATMEL Corporation
29C516E ATMEL-29C516E_07 Datasheet
163Kb / 17P
16-Bit Flow-Through EDAC Error Detection And Correction unit
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com