Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7026S Datasheet (PDF) - Integrated Device Technology

IDT7026S Datasheet PDF - Integrated Device Technology
Part # IDT7026S
Download  IDT7026S Download
File Size   239.15 Kbytes
Page   18 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM

IDT7026S Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT7026S Datasheet PDF - Integrated Device Technology

Part # IDT7026S
Download  IDT7026S Click to download

File Size   239.15 Kbytes
Page   18 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM

IDT7026S Datasheet (HTML) - Integrated Device Technology


IDT7026S Product details

Description
The IDT7026 is a high-speed 16K x 16 Dual-Port Static RAM. The IDT7026 is designed to be used as a stand-alone Dual-Port RAM or as a combination MASTER/SLAVE Dual-Port RAM for 32-bit-or-more word systems. Using the IDT MASTER/SLAVE Dual-Port RAM approach in 32-bit or wider memory system applications results in full-speed, error-free operation without the need for additional discrete logic.

Features
◆ True Dual-Ported memory cells which allow simultaneous
   access of the same memory location
◆ High-speed access
   – Commercial: 15/20/25/35/55ns (max.)
   – Industrial: 20/25/35/55ns (max.)
   – Military: 20/25/35/55ns (max.)
◆ Low-power operation
      – IDT7026S
   Active: 750mW (typ.)
   Standby: 5mW (typ.)
      – IDT7026L
   Active: 750mW (typ.)
   Standby: 1mW (typ.)
◆ Separate upper-byte and lower-byte control for multiplexed bus compatibility
◆ IDT7026 easily expands data bus width to 32 bits or more
   using the Master/Slave select when cascading more than
   one device
◆ M/S = H for BUSY output flag on Master,
   M/S = L for BUSY input on Slave
◆ On-chip port arbitration logic
◆ Full on-chip hardware support of semaphore signaling
   between ports
◆ Fully asynchronous operation from either port
◆ TTL-compatible, single 5V (±10%) power supply
◆ Available in 84-pin PGA and 84-pin PLCC
◆ Industrial temperature range (-40°C to +85°C) is available
   for selected speeds
◆ Green parts available, see ordering information




Similar Part No. - IDT7026S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7026S IDT-IDT7026S Datasheet
685Kb / 18P
HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
More results


Similar Description - IDT7026S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V26S IDT-IDT70V26S Datasheet
144Kb / 17P
HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S Datasheet
153Kb / 17P
HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C026A CYPRESS-CY7C026A_12 Datasheet
318Kb / 21P
16K x 16 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70V261S IDT-IDT70V261S_12 Datasheet
338Kb / 17P
HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S_17 Datasheet
175Kb / 17P
HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_17 Datasheet
190Kb / 17P
HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V26 RENESAS-70V26 Datasheet
517Kb / 19P
HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
JULY 2019
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com