Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT723631 Datasheet (PDF) - Integrated Device Technology

IDT723631 Datasheet PDF - Integrated Device Technology
Part # IDT723631
Download  IDT723631 Download
File Size   269.72 Kbytes
Page   23 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36

IDT723631 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT723631 Datasheet PDF - Integrated Device Technology

Part # IDT723631
Download  IDT723631 Click to download

File Size   269.72 Kbytes
Page   23 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36

IDT723631 Datasheet (HTML) - Integrated Device Technology


IDT723631 Product details

DESCRIPTION:
The IDT723631/723641/723651 is a monolithic highspeed, low-power, CMOS clocked FIFO memory.

FEATURES:
• Free-running CLKA and CLKB can be asynchronous or
    coincident (permits simultaneous reading and writing of
    data on a single clock edge)
• Clocked FIFO buffering data from Port A to Port B
• Storage capacity: IDT723631 - 512 x 36
                               IDT723641 - 1024 x 36
                               IDT723651 - 2048 x 36
• Synchronous read retransmit capability
• Mailbox register in each direction
• Programmable Almost-Full and Almost-Empty flags
• Microprocessor interface control logic
• Input-Ready (IR) and Almost-Full (AF) flags synchronized
    by CLKA
• Output-Ready (OR) and Almost-Empty (AE) flags synchronized by CLKB
• Low-power 0.8-micron advanced CMOS technology
• Supports clock frequencies up to 67 MHz
• Fast access times of 11 ns
• Available in 132-pin plastic quad flat package (PQF) or
    space-saving 120-pin thin quad flat package (TQFP)
• Industrial temperature range (-40°C to +85°C) is available,
    tested to military electrical specifications
   




Similar Part No. - IDT723631

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723631 IDT-IDT723631 Datasheet
347Kb / 20P
CMOS SyncFIFO
logo
Renesas Technology Corp
IDT723631 RENESAS-IDT723631 Datasheet
528Kb / 21P
CMOS SyncFIFO™512 x 36 1,024 x 36 2,048 x 36
MARCH 2014
logo
Integrated Device Techn...
IDT723631 IDT-IDT723631_14 Datasheet
347Kb / 20P
CMOS SyncFIFO
More results


Similar Description - IDT723631

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
logo
Integrated Device Techn...
IDT723622 IDT-IDT723622 Datasheet
294Kb / 26P
CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
logo
Jinan Gude Electronic D...
IDT723623 JGD-IDT723623 Datasheet
286Kb / 28P
CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623 Datasheet
289Kb / 28P
3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
IDT723631 RENESAS-IDT723631 Datasheet
528Kb / 21P
CMOS SyncFIFO™512 x 36 1,024 x 36 2,048 x 36
MARCH 2014
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com