Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72413 Datasheet (PDF) - Integrated Device Technology

IDT72413 Datasheet PDF - Integrated Device Technology
Part # IDT72413
Download  IDT72413 Download
File Size   104.35 Kbytes
Page   11 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS

IDT72413 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT72413 Datasheet PDF - Integrated Device Technology

Part # IDT72413
Download  IDT72413 Click to download

File Size   104.35 Kbytes
Page   11 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS

IDT72413 Datasheet (HTML) - Integrated Device Technology


IDT72413 Product details

DESCRIPTION:
The IDT72413 is a 64 x 5, high-speed First-In/First-Out (FIFO) that loads and empties data on a first-in-first-out basis.

FEATURES:
• First-ln/First-Out Dual-Port memory—45MHz
• 64 x 5 organization
• Low-power consumption
   — Active: 200mW (typical)
• RAM-based internal structure allows for fast fall-through
   time
• Asynchronous and simultaneous read and write
• Expandable by bit width
• Cascadable by word depth
• Half-Full and Almost-Full/Empty status flags
• IDT72413 is pin and functionally compatible with the
   MMI67413
• High-speed data communications applications
• Bidirectional and rate buffer applications
• High-performance CMOS technology
• Available in plastic DIP, CERDIP and SOIC
• Military product compliant to MIL-STD-883, Class B
• Industrial temperature range (-40oC to +85oC) is available,
   tested to military electrical specifications




Similar Part No. - IDT72413

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72413 RENESAS-IDT72413 Datasheet
384Kb / 11P
CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
More results


Similar Description - IDT72413

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
5-Bit x 64-word FIFO register; 3-state
September 1993
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401 Datasheet
95Kb / 9P
CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
logo
Cypress Semiconductor
CY7C408A-409A CYPRESS-CY7C408A-409A Datasheet
344Kb / 16P
64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
CY7C470 CYPRESS-CY7C470 Datasheet
270Kb / 15P
8K x 9 FIFO, 16K x 9 FIFO 32K x 9 FIFO with Programmable Flags
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
logo
Maxwell Technologies
7206F MAXWELL-7206F Datasheet
208Kb / 15P
High-Speed Epi-CMOS (16K x 9-Bit) Parallel FIFO
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401_05 Datasheet
89Kb / 9P
CMOS PARALLEL FIFO 64 x 4 and 64 x 5
logo
Renesas Technology Corp
IDT72401 RENESAS-IDT72401 Datasheet
320Kb / 10P
CMOS PARALLEL FIFO
JUNE 2012
IDT72413 RENESAS-IDT72413 Datasheet
384Kb / 11P
CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com