Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7280 Datasheet (PDF) - Integrated Device Technology

IDT7280 Datasheet PDF - Integrated Device Technology
Part # IDT7280
Download  IDT7280 Download
File Size   142.35 Kbytes
Page   12 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9

IDT7280 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT7280 Datasheet PDF - Integrated Device Technology

Part # IDT7280
Download  IDT7280 Click to download

File Size   142.35 Kbytes
Page   12 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9

IDT7280 Datasheet (HTML) - Integrated Device Technology


IDT7280 Product details

DESCRIPTION:
The IDT7280/7281/7282/7283/7284/7285 are dual-FIFO memories that load and empty data on a first-in/first-out basis. These devices are functional and compatible to two IDT7200/7201/7202/7203/7204/7205 FIFOs in a single package with all associated control, data, and flag lines assigned to separate pins. The devices use Full and Empty flags to prevent data overflow and underflow and expansion logic to allow for unlimited expansion capability in both word size and depth.

FEATURES:
• The IDT7280 is equivalent to two IDT7200 256 x 9 FIFOs
• The IDT7281 is equivalent to two IDT7201 512 x 9 FIFOs
• The IDT7282 is equivalent to two IDT7202 1,024 x 9 FIFOs
• The IDT7283 is equivalent to two IDT7203 2,048 x 9 FIFOs
• The IDT7284 is equivalent to two IDT7204 4,096 x 9 FIFOs
• The IDT7285 is equivalent to two IDT7205 8,192 x 9 FIFOs
• Low power consumption
   — Active: 685 mW (max.)
   — Power-down: 83 mW (max.)
• Ultra high speed—12 ns access time
• Asynchronous and simultaneous read and write
• Offers optimal combination of data capacity, small foot print and functional flexibility
• Ideal for bi-directional, width expansion, depth expansion, bus-matching, and data sorting applications
• Status Flags: Empty, Half-Full, Full
• Auto-retransmit capability
• High-performance CMOS technology
• Space-saving TSSOP
• Industrial temperature range (–40°C to +85°C) is available




Similar Part No. - IDT7280

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT7280 IDT-IDT7280 Datasheet
295Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280 Datasheet
149Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7280 RENESAS-IDT7280 Datasheet
114Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
DUAL CMOS SyncFIFO
More results


Similar Description - IDT7280

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Renesas Technology Corp
IDT72V801 RENESAS-IDT72V801 Datasheet
327Kb / 17P
3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com