Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V801 Datasheet (PDF) - Integrated Device Technology

IDT72V801 Datasheet PDF - Integrated Device Technology
Part # IDT72V801
Download  IDT72V801 Download
File Size   150.66 Kbytes
Page   16 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3 VOLT DUAL CMOS SyncFIFO?

IDT72V801 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT72V801 Datasheet PDF - Integrated Device Technology

Part # IDT72V801
Download  IDT72V801 Click to download

File Size   150.66 Kbytes
Page   16 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3 VOLT DUAL CMOS SyncFIFO?

IDT72V801 Datasheet (HTML) - Integrated Device Technology


IDT72V801 Product details

DESCRIPTION:
The IDT72V801/72V811/72V821/72V831/72V841/72V851/72V851 are dual synchronous (clocked) FIFOs. The device is functionally equivalent to two IDT72V201/72V211/72V221/72V231/72V241/72V251 FIFOs in a single package with all associated control, data, and flag lines assigned to separate pins.

FEATURES:
• The IDT72V801 is equivalent to two IDT72V201 256 x 9 FIFOs
• The IDT72V811 is equivalent to two IDT72V211 512 x 9 FIFOs
• The IDT72V821 is equivalent to two IDT72V221 1,024 x 9 FIFOs
• The IDT72V831 is equivalent to two IDT72V231 2,048 x 9 FIFOs
• The IDT72V841 is equivalent to two IDT72V241 4,096 x 9 FIFOs
• The IDT72V851 is equivalent to two IDT72V251 8,192 x 9 FIFOs
• Offers optimal combination of large capacity, high speed,
   design flexibility and small footprint
• Ideal for prioritization, bidirectional, and width expansion
   applications
• 10 ns read/write cycle time
• 5V input tolerant
• Separate control lines and data lines for each FIFO
• Separate Empty, Full, programmable Almost-Empty and
   Almost-Full flags for each FIFO
• Enable puts output data lines in high-impedance state
• Space-saving 64-pin plastic Thin Quad Flat Pack (TQFP/
   STQFP)
• Industrial temperature range (–40°C to +85°C) is available




Similar Part No. - IDT72V801

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
166Kb / 16P
3.3 VOLT DUAL CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V801 RENESAS-IDT72V801 Datasheet
327Kb / 17P
3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
3.3 VOLT DUAL CMOS SyncFIFO
More results


Similar Description - IDT72V801

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
3.3 VOLT DUAL CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
3.3 VOLT CMOS SyncFIFO
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
3.3 VOLT CMOS SyncFIFO WITH
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
3.3 VOLT CMOS SyncFIFO
IDT72V205 IDT-IDT72V205_13 Datasheet
401Kb / 25P
3.3 VOLT CMOS SyncFIFO
IDT72V201 IDT-IDT72V201_13 Datasheet
285Kb / 14P
3.3 VOLT CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
3.3 VOLT CMOS SyncFIFO™
MARCH 2018
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com