Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT77155 Datasheet (PDF) - Integrated Device Technology

IDT77155 Datasheet PDF - Integrated Device Technology
Part # IDT77155
Download  IDT77155 Download
File Size   307.04 Kbytes
Page   50 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS

IDT77155 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT77155 Datasheet PDF - Integrated Device Technology

Part # IDT77155
Download  IDT77155 Click to download

File Size   307.04 Kbytes
Page   50 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description PHY (TC-PMD) USER NETWORK INTERFACE FOR 155 MBPS ATM NETWORK APPLICATIONS

IDT77155 Datasheet (HTML) - Integrated Device Technology


IDT77155 Product details

DESCRIPTION
The IDT77155 is a member of IDTs SWITCHStAR™ family of products for Asynchronous Transfer Mode (ATM) networks.
The IDT77155 is a integrated circuit that provides the SONET/SDH processing and ATM mapping functions of a 155 Mbps/51 Mbps ATM User Network Interface. Provides full compliance with SONET/SDH requirements and ATM Forum User Network Interface specifications.

KEY FEATURES
• One chip ATM User Network Interface for 155.52 Mbps/51.84Mbps operating speed.
• Full implementation of the SONET/SDH criteria according to Bellcore GR-253-CORE and ITU-T G.709, G.783.
• Full implementation of the ATM physical layer according to CCITT I.432 and ATM Forum User Network Interface Specification.
• Full-duplex 155.52 Mbps STS-3c/STM-1 or 51.84 Mbps STS-1 data with built-in clock/data recovery and clock synthesis.
• Supports 4-cell PHY FIFO buffers for both transmit and receive directions with parity.
• Provides GFC bits insertion and extraction.
• UTOPIA Level 1 and Level 2 Interface.
• Supports up to 4 PHYs for Multi-PHY connections with 2-bit address and 8-bit data using UTOPIA 2 protocol.
• Provides an 8-bit microprocessor bus interface for configuration, control and monitoring.
• Low power CMOS
• 128 pin PQFP Package (14 mm x 20 mm).




Similar Part No. - IDT77155

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
PHY (TC-PMD) for 25.6 Mbps ATM Networks
IDT77105L25TF IDT-IDT77105L25TF Datasheet
335Kb / 24P
PHY (TC-PMD) for 25.6 Mbps ATM Networks
IDT77105L25TFI IDT-IDT77105L25TFI Datasheet
335Kb / 24P
PHY (TC-PMD) for 25.6 Mbps ATM Networks
More results


Similar Description - IDT77155

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5345 PMC-PM5345 Datasheet
70Kb / 2P
S/UNI-155 SATURN USER NETWORK INTERFACE
PM5346 PMC-PM5346 Datasheet
65Kb / 2P
155 Mb/s SATURN User Network Interface for LANs
PM5348 PMC-PM5348 Datasheet
66Kb / 2P
Two-Channel ATM SATURN User Network Interface
PM5349 PMC-PM5349 Datasheet
1Mb / 252P
SATURN USER NETWORK INTERFACE (155-QUAD)
PM5350 PMC-PM5350 Datasheet
60Kb / 2P
155 Mb/s SATURN User Network Interface
PM5351 PMC-PM5351 Datasheet
1Mb / 393P
SATURN USER NETWORK INTERFACE (155-TETRA)
PM5352 PMC-PM5352 Datasheet
699Kb / 77P
SATURN USER NETWORK INTERFACE 155 (STAR)
PM7324 PMC-PM7324 Datasheet
59Kb / 4P
SATURN User Network Interface ATM Layer Solution
logo
Integrated Device Techn...
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
PHY (TC-PMD) for 25.6 Mbps ATM Networks
logo
PMC-Sierra, Inc
PM7324-1 PMC-PM7324-1 Datasheet
49Kb / 2P
SATURN User Network Interface ATM Layer Solution
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com