Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7MPV6253 Datasheet (PDF) - Integrated Device Technology

IDT7MPV6253 Datasheet PDF - Integrated Device Technology
Part # IDT7MPV6253
Download  IDT7MPV6253 Download
File Size   84.47 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 256KB AND 512KB SECONDARY CACHE MODULES FOR THE PowerPCO

IDT7MPV6253 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT7MPV6253 Datasheet PDF - Integrated Device Technology

Part # IDT7MPV6253
Download  IDT7MPV6253 Click to download

File Size   84.47 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 256KB AND 512KB SECONDARY CACHE MODULES FOR THE PowerPCO

IDT7MPV6253 Datasheet (HTML) - Integrated Device Technology


IDT7MPV6253 Product details

DESCRIPTION
The IDT7MPV6253/55/56 modules belong to a family of secondary caches intended for use with PowerPC CPUbased systems. The IDT7MPV6253 uses IDT’s 71V256 32K The IDT logo is a registered trademark of Integrated Device Technology, Inc. PowerPC is a trademark of IBM. Computerbus is trademark of Burndy. x 8 asynchronous static RAMs and the IDT7MPV6255/56 use IDT’s 71V432 32K x 32 pipelined synchronous burst static RAMs in plastic surface mount packages mounted on a multilayer epoxy laminate (FR-4) board. In addition, each of the modules uses the IDT 71216 16K x 15 Cache-Tag static RAM and IDT FCT logic. Extremely high speeds are achieved using IDT’s high-reliability, low cost CMOS technology.

FEATURES
• For CHRP based PowerPC systems.
• Asynchronous and pipelined burst SRAM options in the same module pinout
• Low-cost, low-profile card edge module with 178 leads
• Uses Burndy Computerbus™ connector, part number ELF182KSC-3Z50
• Operates with external PowerPC CPU speeds up to 66MHz
• Separate 5V (±5%) and 3.3V (+10/-5%) power supplies
• Multiple GND pins and decoupling capacitors for maximum noise immunity
• Presence Detect output pins allow the system to determine the particular cache configuration.




Similar Part No. - IDT7MPV6253

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7MP4045 IDT-IDT7MP4045 Datasheet
96Kb / 8P
256K x 32 CMOS STATIC RAM MODULE
IDT7MP4060 IDT-IDT7MP4060 Datasheet
96Kb / 8P
128K x 32 CMOS STATIC RAM MODULES
IDT7MP4060S15M IDT-IDT7MP4060S15M Datasheet
96Kb / 8P
128K x 32 CMOS STATIC RAM MODULES
IDT7MP4060S15Z IDT-IDT7MP4060S15Z Datasheet
96Kb / 8P
128K x 32 CMOS STATIC RAM MODULES
IDT7MP4060S20M IDT-IDT7MP4060S20M Datasheet
96Kb / 8P
128K x 32 CMOS STATIC RAM MODULES
More results


Similar Description - IDT7MPV6253

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72JG32 MOTOROLA-MCM72JG32 Datasheet
296Kb / 16P
256KB and 512KB Pipelined BurstRAM Secondary Cache Module for Pentium
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MPC2004 MOTOROLA-MPC2004 Datasheet
84Kb / 6P
256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104 MOTOROLA-MPC2104 Datasheet
228Kb / 24P
256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104P MOTOROLA-MPC2104P Datasheet
158Kb / 16P
256KB/512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com