Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTQS3384 Datasheet (PDF) - Integrated Device Technology

IDTQS3384 Datasheet PDF - Integrated Device Technology
Part # IDTQS3384
Download  IDTQS3384 Download
File Size   47.73 Kbytes
Page   5 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH

IDTQS3384 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDTQS3384 Datasheet PDF - Integrated Device Technology

Part # IDTQS3384
Download  IDTQS3384 Click to download

File Size   47.73 Kbytes
Page   5 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH

IDTQS3384 Datasheet (HTML) - Integrated Device Technology


IDTQS3384 Product details

DESCRIPTION:
The QS3384 provides a set of ten high-speed CMOS, TTL-compatible bus switches. The low ON resistance of QS3384 allows inputs to be connected to outputs without adding propagation delay and without generating additional ground bounce. Two banks of 5 switches are controlled by independent Bus Enable (BE) signals. The QS3384 is characterized for operation at -40°C to +85°C.

FEATURES:
• Enhanced N channel FET with no inherent diode to Vcc
• 5Ω bidirectional switches connect inputs to outputs
• Zero propagation delay, zero added ground bounce
• Undershoot clamp diodes on all switch and control inputs
• Two enables control five bits each
• Available in SOIC, QSOP, and TSSOP packages

APPLICATIONS:
• Hot-swapping, hot-docking
• Voltage translation (5V to 3.3V)
• Power Conservation
• Capacitance reduction and isloation
• Bus Isolation
• Clock Gating




Similar Part No. - IDTQS3384

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3384 IDT-IDTQS3384 Datasheet
229Kb / 5P
QUICKSWITCH짰 PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH
IDTQS3384 IDT-IDTQS3384 Datasheet
218Kb / 5P
QUICKSWITCH짰 PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH
logo
Renesas Technology Corp
IDTQS3384 RENESAS-IDTQS3384 Datasheet
374Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH
OCTOBER 2011
More results


Similar Description - IDTQS3384

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3245 IDT-IDTQS3245 Datasheet
42Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3383 IDT-IDTQS3383 Datasheet
43Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS EXCHANGE SWITCH
IDTQS32245 IDT-IDTQS32245 Datasheet
40Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS32384 IDT-IDTQS32384 Datasheet
41Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH
IDTQS3244 IDT-IDTQS3244 Datasheet
42Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
QS3245QG IDT-QS3245QG Datasheet
218Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3383 IDT-IDTQS3383_11 Datasheet
217Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS EXCHANGE SWITCH
IDTQS32245 IDT-IDTQS32245_15 Datasheet
219Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
logo
Renesas Technology Corp
IDTQS3384 RENESAS-IDTQS3384 Datasheet
374Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH
OCTOBER 2011
QS32245 RENESAS-QS32245 Datasheet
254Kb / 6P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
JUNE 2019
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com