Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLW18R-5C7LF Datasheet (PDF) - FCI connector

SLW18R-5C7LF Datasheet PDF - FCI connector
Part # SLW18R-5C7LF
Download  SLW18R-5C7LF Download

File Size   742.4 Kbytes
Page   9 Pages
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector
Description CAT NO. TABLE FOR 1mm SPACING CONNECTOR

SLW18R-5C7LF Datasheet (PDF)

Go To PDF Page Download Datasheet
SLW18R-5C7LF Datasheet PDF - FCI connector

Part # SLW18R-5C7LF
Download  SLW18R-5C7LF Click to download

File Size   742.4 Kbytes
Page   9 Pages
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector
Description CAT NO. TABLE FOR 1mm SPACING CONNECTOR

SLW18R-5C7LF Datasheet (HTML) - FCI connector

SLW18R-5C7LF Datasheet HTML 1Page - FCI connector SLW18R-5C7LF Datasheet HTML 2Page - FCI connector SLW18R-5C7LF Datasheet HTML 3Page - FCI connector SLW18R-5C7LF Datasheet HTML 4Page - FCI connector SLW18R-5C7LF Datasheet HTML 5Page - FCI connector SLW18R-5C7LF Datasheet HTML 6Page - FCI connector SLW18R-5C7LF Datasheet HTML 7Page - FCI connector SLW18R-5C7LF Datasheet HTML 8Page - FCI connector SLW18R-5C7LF Datasheet HTML 9Page - FCI connector



Similar Part No. - SLW18R-5C7LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
SLW18R-5C7LF FCI-CONNECTOR-SLW18R-5C7LF Datasheet
742Kb / 9P
   CART NO. TABLE FOR 1mm SPACING CONNECTOR
More results


Similar Description - SLW18R-5C7LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
SFW4R-2STE1 FCI-CONNECTOR-SFW4R-2STE1 Datasheet
740Kb / 8P
   CAT NO. TABLE FOR 1mm SPACING SMT CONNECTOR
SLW22R-1C7LF FCI-CONNECTOR-SLW22R-1C7LF Datasheet
742Kb / 9P
   CART NO. TABLE FOR 1mm SPACING CONNECTOR
SFRXR-1STXXLF_DWG FCI-CONNECTOR-SFRXR-1STXXLF_DWG Datasheet
557Kb / 7P
   CAT NO. TABLE FOR 0.8mm SPACING CONNECTOR
SLP9R-2LF FCI-CONNECTOR-SLP9R-2LF Datasheet
361Kb / 5P
   CAT. No. TABLE FOR 1.25mm SPACING CONNECTOR (Cat. No. SLP R/S-2LF)
logo
Hirose Electric
FX5-20P-SH HIROSE-FX5-20P-SH Datasheet
212Kb / 7P
   1mm Pitch Connector for Vertical Connection
logo
FCI connector
HFW26R-1STE1LF FCI-CONNECTOR-HFW26R-1STE1LF Datasheet
769Kb / 10P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
HFW14R-1STE1 FCI-CONNECTOR-HFW14R-1STE1 Datasheet
761Kb / 9P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
HFW10S-2STE1LF FCI-CONNECTOR-HFW10S-2STE1LF Datasheet
602Kb / 7P
   HFW_S Documents Configuration (1mm Contact Spacing connector)
SFW6R-2STE9LF FCI-CONNECTOR-SFW6R-2STE9LF Datasheet
850Kb / 9P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
logo
List of Unclassifed Man...
FH21-8S-1DSA ETC2-FH21-8S-1DSA Datasheet
140Kb / 4P
   1mm Pitch FPC/FFC Connector
More results




About FCI connector


FCI connector is a type of electrical connector produced by FCI (Framatome Connectors International), a manufacturer of connectors and interconnect systems for a variety of industries, including telecommunications, consumer electronics, automotive, industrial, and aerospace.

FCI connectors are designed to provide a reliable and secure electrical connection between two devices or components. They come in a wide range of sizes and configurations to accommodate different applications and requirements, and they are commonly used in printed circuit boards (PCBs), backplanes, and other electronic systems.

Some of the key features of FCI connectors include their durability, high speed and signal integrity, low profile, and ease of installation. They are also designed to withstand harsh environments, such as high temperatures and vibrations.

FCI offers a broad portfolio of connectors, including board-to-board connectors, wire-to-board connectors, input/output (I/O) connectors, and power connectors. The company also provides a range of engineering and design services to help customers develop custom connectors and interconnect solutions for their specific needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com