| Manufacturer | Part # | Datasheet | Description |
 Analog Devices |
ADXL343
|
649Kb / 36P |
3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g
Rev. PrA |
|
ADXL337BCPZ-RL
|
357Kb / 16P |
Small, Low Power, 3-Axis 짹3 g Small, Low Power, 3-Axis 짹3 g
REV. 0 |
|
ADXL375
|
534Kb / 32P |
3-Axis, 200 g Digital Accelerometer
REV. 0 |
 NXP Semiconductors |
FXLS8964AF
|
2Mb / 98P |
3-Axis Low-g Accelerometer
|
|
FXLS8967AF
|
1Mb / 98P |
3-Axis Low-g Accelerometer
Rev. 1-27 April 2021 |
|
FXLS8974CF
|
1Mb / 96P |
3-Axis Low-g Accelerometer
Rev. 1-27 April 2021 |
|
FXLS8964AF
|
1Mb / 98P |
3-Axis Low-g Accelerometer
Rev. 3.4 - 7 December 2021 |
|
FXLS8967AF
|
1Mb / 98P |
3-Axis Low-g Accelerometer
Rev. 1.3 - 22 October 2021 |
|
FXLS8974CF
|
1Mb / 96P |
3-Axis Low-g Accelerometer
Rev. 1.5 - 11 March 2022 |
 KISTLER INSTRUMENT CORP... |
9306A
|
1Mb / 5P |
6-Axis Force/Torque Sensor
|