| Manufacturer | Part # | Datasheet | Description |
 Wolfson Microelectronic... |
WM2616
|
132Kb / 9P |
12-bit Serial Input Voltage Output DAC
|
 Analog Devices |
DAC8512
|
757Kb / 20P |
% V, Serial Input Complete 12-Bit DAC
REV.A |
|
AD5570
|
963Kb / 24P |
True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
11/03-Revision 0 |
|
AD5764
|
266Kb / 27P |
Complete, Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
21-Oct-2004 |
|
AD5764R
|
1Mb / 32P |
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA |
|
AD5762R
|
709Kb / 32P |
Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0 |
|
AD5764CSUZ
|
529Kb / 28P |
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F |
|
AD5764ASUZ
|
529Kb / 28P |
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F |
|
AD5542ABCPZ-REEL7
|
436Kb / 24P |
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A |
|
AD5512A
|
503Kb / 21P |
Serial-Input Voltage-Output, 12-/16-Bit DAC
2/2017-Rev. B to Rev. C |