Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPI-452 Datasheet (PDF) - Intel Corporation

UPI-452 Datasheet PDF - Intel Corporation
Part # UPI-452
Download  UPI-452 Download
File Size   499.74 Kbytes
Page   53 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description CHMOS PROGRAMMABLE I/O PROCESSOR

UPI-452 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPI-452 Datasheet PDF - Intel Corporation

Part # UPI-452
Download  UPI-452 Click to download

File Size   499.74 Kbytes
Page   53 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description CHMOS PROGRAMMABLE I/O PROCESSOR

UPI-452 Datasheet (HTML) - Intel Corporation


UPI-452 Product details

UPI-452 CHMOS PROGRAMMABLE I/O PROCESSOR

The Intel UPI-452 (Universal Peripheral Interface) is a 68 pin CHMOS Slave I/O Processor with a sophisticated bi-directional FIFO buffer interface on the slave bus and a two channel DMA processor on-chip. The UPI-452 is the newest member of Intels UPI family of products. It is a general-purpose slave I/O Processor that allows the designer to grow a customized interface solution.

■ 83C452/80C452:3.5 to 14 MHz Clock Rate
■ Software Compatible with the MCS-51 Family
■ 128-Byte Bi-Directional FIFO Slave Interface
■ Two DMA Channels
■ 256 c 8-Bit Internal RAM
■ 34 Additional Special Function Registers
■ 40 Programmable I/O Lines
■ Two 16-Bit Timer/Counters
■ Boolean Processor
■ Bit Addressable RAM
■ 8 Interrupt Sources
■ Programmable Full Duplex Serial Channel
■ 64K Program Memory Space
■ 64K Data Memory Space
■ 68-Pin PGA and PLCC (See Packaging Spec., Order: Ý231369)




Similar Part No. - UPI-452

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
UPI-41AH INTEL-UPI-41AH Datasheet
273Kb / 20P
UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER
UPI-42AH INTEL-UPI-42AH Datasheet
273Kb / 20P
UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER
More results


Similar Description - UPI-452

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82C55A INTEL-82C55A Datasheet
325Kb / 23P
CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Intersil Corporation
CDP1851 INTERSIL-CDP1851 Datasheet
56Kb / 14P
CMOS Programmable I/O Interface
March 1997
logo
Intel Corporation
82C54 INTEL-82C54 Datasheet
239Kb / 18P
CHMOS PROGRAMMABLE INTERVAL TIMER
logo
Integral Corp.
IN82C55AN INTEGRAL-IN82C55AN Datasheet
341Kb / 21P
CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
KODENSHI_AUK CORP.
KK82C55 KODENSHI-KK82C55 Datasheet
592Kb / 22P
CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Renesas Technology Corp
R8A66153FP RENESAS-R8A66153FP Datasheet
458Kb / 10P
PROGRAMMABLE BUFFERED I/O EXPANDER
logo
Intel Corporation
273943-004US INTEL-273943-004US Datasheet
1Mb / 68P
Intel 80331 I/O Processor
80333 INTEL-80333 Datasheet
1Mb / 75P
I/O Processor
FW80321M400 INTEL-FW80321M400 Datasheet
398Kb / 54P
80321 I/O Processor
logo
Tripp Lite. All Rights ...
RELAYIOCARD TRIPPLITE-RELAYIOCARD Datasheet
470Kb / 2P
Programmable Relay I-O Card
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com