Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUZ72A Datasheet (PDF) - Intersil Corporation

BUZ72A Datasheet PDF - Intersil Corporation
Part # BUZ72A
Download  BUZ72A Download
File Size   45.43 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 9A, 100V, 0.250 Ohm, N-Channel Power MOSFET

BUZ72A Datasheet (PDF)

Go To PDF Page Download Datasheet
BUZ72A Datasheet PDF - Intersil Corporation

Part # BUZ72A
Download  BUZ72A Click to download

File Size   45.43 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 9A, 100V, 0.250 Ohm, N-Channel Power MOSFET

BUZ72A Datasheet (HTML) - Intersil Corporation


BUZ72A Product details

9A, 100V, 0.250 Ohm, N-Channel Power MOSFET



This is an N-Channel enhancement mode silicon gate power field effect transistor designed for applications such as switching regulators, switching converters, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. This type can be operated directly from integrated circuits.



Features

• 9A, 100V

• rDS(ON) = 0.250Ω

• SOA is Power Dissipation Limited

• Nanosecond Switching Speeds

• Linear Transfer Characteristics

• High Input Impedance

• Majority Carrier Device

• Related Literature

  -TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”



 




Similar Part No. - BUZ72A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUZ72A STMICROELECTRONICS-BUZ72A Datasheet
112Kb / 7P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1993
logo
Siemens Semiconductor G...
BUZ72A SIEMENS-BUZ72A Datasheet
193Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Infineon Technologies A...
BUZ72A INFINEON-BUZ72A Datasheet
90Kb / 8P
SIPMOS Power Transistor
05.99
logo
New Jersey Semi-Conduct...
BUZ72A NJSEMI-BUZ72A Datasheet
98Kb / 4P
Enhancement mode
logo
Siemens Semiconductor G...
BUZ72AL SIEMENS-BUZ72AL Datasheet
187Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
More results


Similar Description - BUZ72A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSL13A0D INTERSIL-FSL13A0D Datasheet
71Kb / 8P
9A, 100V, 0.180 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1999
IRF520 INTERSIL-IRF520 Datasheet
69Kb / 7P
9.2A, 100V, 0.270 Ohm, N-Channel Power MOSFET
November 1999
IRFD110 INTERSIL-IRFD110 Datasheet
52Kb / 6P
1A, 100V, 0.600 Ohm, N-Channel Power MOSFET
July 1999
IRFF110 INTERSIL-IRFF110 Datasheet
328Kb / 7P
3.5A, 100V, 0.600 Ohm, N-Channel Power MOSFET
March 1999
IRFF120 INTERSIL-IRFF120 Datasheet
325Kb / 7P
6.0A, 100V, 0.300 Ohm, N-Channel Power MOSFET
March 1999
logo
STMicroelectronics
STD9N10-1 STMICROELECTRONICS-STD9N10-1 Datasheet
278Kb / 12P
N-CHANNEL 100V - 0.23 ohm - 9A DPAK/IPAK POWER MOS TRANSISTOR
03-May-2004
logo
New Jersey Semi-Conduct...
IRFF130 NJSEMI-IRFF130 Datasheet
150Kb / 3P
8.0A, 100V, 0.180 Ohm, N-Channel Power MOSFET
logo
MagnaChip Semiconductor...
MDF9N60 MGCHIP-MDF9N60 Datasheet
739Kb / 6P
N-Channel MOSFET 600V, 9A, 0.75(ohm)
MDF9N60B MGCHIP-MDF9N60B Datasheet
787Kb / 6P
N-Channel MOSFET 600V, 9A, 0.80(ohm)
MDP9N60 MGCHIP-MDP9N60 Datasheet
991Kb / 6P
N-Channel MOSFET 600V, 9A, 0.75(ohm)
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com