Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ20WZ1U Datasheet (PDF) - Sharp Corporation

PQ20WZ1U Datasheet PDF - Sharp Corporation
Part # PQ20WZ1U
Download  PQ20WZ1U Download
File Size   70.79 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Variable Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator

PQ20WZ1U Datasheet (PDF)

Go To PDF Page Download Datasheet
PQ20WZ1U Datasheet PDF - Sharp Corporation

Part # PQ20WZ1U
Download  PQ20WZ1U Click to download

File Size   70.79 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Variable Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator

PQ20WZ1U Datasheet (HTML) - Sharp Corporation


PQ20WZ1U Product details

■ Features
● Low power-loss
   (Dropout voltage : MAX. 0.5V)
● Surface mount package (equivalent to SC-63)
● Variable output voltage (3.0 to 20V)
● Output current
   (0.5A : PQ20WZ51)
   (1.0A : PQ20WZ11)
● Reference voltage precision : ±2.5%
● Built-in ON/OFF control function
● Low dissipation current at OFF-state (Iqs : MAX. 5µA)
● Built-in overcurrent, overheat protection functions, ASO protection circuit
● Available tape-packaged products
   (ø330mm reel : 3 000 pcs., PQ20WZ5U/1U)
  
■ Applications
● Personal computers
● CD-ROM drives
● Power supplies for various OA equipment




Similar Part No. - PQ20WZ1U

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ20WZ1UJ00H SHARP-PQ20WZ1UJ00H Datasheet
169Kb / 6P
Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
More results


Similar Description - PQ20WZ1U

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05DZ51 SHARP-PQ05DZ51 Datasheet
19Kb / 2P
0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
PQ20VZ51 SHARP-PQ20VZ51 Datasheet
46Kb / 6P
Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ51 SHARP-PQ20WZ51 Datasheet
65Kb / 6P
Variable Output, General Purpose, Surface Mount Type Power-Loss Voltage Regulator
PQ7VZ5 SHARP-PQ7VZ5 Datasheet
43Kb / 5P
Variable Output, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ3DZ53 SHARP-PQ3DZ53 Datasheet
97Kb / 10P
0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
PQ15RW08 SHARP-PQ15RW08_01 Datasheet
72Kb / 4P
Variable Output, General Purpose Type Low Power-Loss Voltage Regulator
PQ20VZ51 SHARP-PQ20VZ51_01 Datasheet
64Kb / 7P
Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ30RV31 SHARP-PQ30RV31_01 Datasheet
56Kb / 5P
Variable Output Low Power-Loss Voltage Regulator
PQ20WZ51J00H SHARP-PQ20WZ51J00H Datasheet
174Kb / 6P
Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ1UJ00H SHARP-PQ20WZ1UJ00H Datasheet
169Kb / 6P
Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com