Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3083 Datasheet (PDF) - Intersil Corporation

CA3083 Datasheet PDF - Intersil Corporation
Part # CA3083
Download  CA3083 Download
File Size   31.64 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description General Purpose High Current NPN Transistor Array

CA3083 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3083 Datasheet PDF - Intersil Corporation

Part # CA3083
Download  CA3083 Click to download

File Size   31.64 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description General Purpose High Current NPN Transistor Array

CA3083 Datasheet (HTML) - Intersil Corporation


CA3083 Product details

General Purpose High Current NPN Transistor Array



The CA3083 is a versatile array of five high current (to 100mA) NPN transistors on a common monolithic substrate. In addition, two of these transistors (Q1 and Q2) are matched at low current (i.e., 1mA) for applications in which offset parameters are of special importance. Independent connections for each transistor plus a separate terminal for the substrate permit maximum flexibility in circuit design.



Features

• High IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA (Max)

• Low VCE sat (at 50mA). . . . . . . . . . . . . . . . . . . 0.7V (Max)

• Matched Pair (Q1 and Q2)

  - VIO (VBE Match). . . . . . . . . . . . . . . . . . . . . ±5mV (Max)

  - IIO (at 1mA) . . . . . . . . . . . . . . . . . . . . . . . . 2.5µA (Max)

• 5 Independent Transistors Plus Separate Substrate Connection

• Pb-Free Plus Anneal Available (RoHS Compliant)



Applications

• Signal Processing and Switching Systems Operating from DC to VHF

• Lamp and Relay Driver

• Differential Amplifier

• Temperature Compensated Amplifier

• Thyristor Firing

• See Application Note AN5296 “Applications of the CA3018 Circuit Transistor Array” for Suggested Applications



 




Similar Part No. - CA3083

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3083 INTERSIL-CA3083 Datasheet
147Kb / 4P
General Purpose High Current NPN Transistor Array
February 7, 2006
logo
Renesas Technology Corp
CA3083 RENESAS-CA3083 Datasheet
297Kb / 4P
General Purpose High Current NPN Transistor Array
logo
List of Unclassifed Man...
CA3083 ETC2-CA3083 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Intersil Corporation
CA3083M96 INTERSIL-CA3083M96 Datasheet
147Kb / 4P
General Purpose High Current NPN Transistor Array
February 7, 2006
logo
Renesas Technology Corp
CA3083M96 RENESAS-CA3083M96 Datasheet
297Kb / 4P
General Purpose High Current NPN Transistor Array
More results


Similar Description - CA3083

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE929 NTE-NTE929 Datasheet
23Kb / 2P
Integrated Circuit General Purpose, High Current, NPN Transistor Array
logo
Intersil Corporation
CA3081 INTERSIL-CA3081 Datasheet
66Kb / 6P
General Purpose High Current NPN Transistor Arrays
November 1999
CA3086 INTERSIL-CA3086 Datasheet
34Kb / 5P
General Purpose NPN Transistor Array
August 2003
CD3086 INTERSIL-CD3086 Datasheet
34Kb / 5P
General Purpose NPN Transistor Array
November 1996
logo
List of Unclassifed Man...
CA3250 ETC-CA3250 Datasheet
113Kb / 3P
GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
logo
Intersil Corporation
CA3086 INTERSIL-CA3086 Datasheet
153Kb / 7P
General Purpose NPN Transistor Array
August 2003
CA3046 INTERSIL-CA3046 Datasheet
116Kb / 6P
General Purpose NPN Transistor Array
May 2001
CA3083 INTERSIL-CA3083_06 Datasheet
147Kb / 4P
General Purpose High Current NPN Transistor Array
February 7, 2006
logo
Rochester Electronics
CA3082 ROCHESTER-CA3082 Datasheet
607Kb / 1P
HIGH CURRENT NPN TRANSISTOR for general purpose applications BJT Array
logo
Renesas Technology Corp
CA-3083 RENESAS-CA-3083 Datasheet
297Kb / 4P
General Purpose High Current NPN Transistor Array
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com