Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3127 Datasheet (PDF) - Intersil Corporation

CA3127 Datasheet PDF - Intersil Corporation
Part # CA3127
Download  CA3127 Download
File Size   60.37 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Frequency NPN Transistor Array

CA3127 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3127 Datasheet PDF - Intersil Corporation

Part # CA3127
Download  CA3127 Click to download

File Size   60.37 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Frequency NPN Transistor Array

CA3127 Datasheet (HTML) - Intersil Corporation


CA3127 Product details

Description
The CA3127 consists of five general purpose silicon NPN transistors on a common monolithic substrate. Each of the completely isolated transistors exhibits low 1/f noise and a value of fT in excess of 1GHz, making the CA3127 useful from DC to 500MHz. Access is provided to each of the terminals for the individual transistors and a separate substrate connection has been provided for maximum application flexibility. The monolithic construction of the CA3127 provides close electrical and thermal matching of the five transistors.

Features
• Gain Bandwidth Product (fT). . . . . . . . . . . . . . . . >1GHz
• Power Gain . . . . . . . . . . . . . . . . . 30dB (Typ) at 100MHz
• Noise Figure . . . . . . . . . . . . . . . . 3.5dB (Typ) at 100MHz
• Five Independent Transistors on a Common Substrate

Applications
• VHF Amplifiers
• Multifunction Combinations - RF/Mixer/Oscillator
• Sense Amplifiers
• Synchronous Detectors
• VHF Mixers
• IF Converter
• IF Amplifiers
• Synthesizers
• Cascade Amplifiers




Similar Part No. - CA3127

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3127 INTERSIL-CA3127 Datasheet
225Kb / 9P
High Frequency NPN Transistor Array
June 5, 2006
logo
Renesas Technology Corp
CA3127 RENESAS-CA3127 Datasheet
455Kb / 9P
High Frequency NPN Transistor Array
logo
Intersil Corporation
CA3127M INTERSIL-CA3127M Datasheet
225Kb / 9P
High Frequency NPN Transistor Array
June 5, 2006
logo
Renesas Technology Corp
CA3127M RENESAS-CA3127M Datasheet
455Kb / 9P
High Frequency NPN Transistor Array
logo
Intersil Corporation
CA3127MZ INTERSIL-CA3127MZ Datasheet
225Kb / 9P
High Frequency NPN Transistor Array
June 5, 2006
More results


Similar Description - CA3127

ManufacturerPart #DatasheetDescription
logo
NEC
UPA103 NEC-UPA103 Datasheet
73Kb / 8P
HIGH FREQUENCY NPN TRANSISTOR ARRAY
UPA104 NEC-UPA104 Datasheet
65Kb / 8P
HIGH FREQUENCY NPN TRANSISTOR ARRAY
logo
Samsung semiconductor
MPS5179 SAMSUNG-MPS5179 Datasheet
34Kb / 1P
NPN (HIGH FREQUENCY TRANSISTOR)
logo
Intersil Corporation
HFA3127 INTERSIL-HFA3127 Datasheet
54Kb / 7P
Ultra High Frequency Transistor Array
February 1995
HS-6254RH INTERSIL-HS-6254RH Datasheet
31Kb / 3P
Radiation Hardened Ultra High Frequency NPN Transistor Array
1999 08
CA3127 INTERSIL-CA3127_06 Datasheet
225Kb / 9P
High Frequency NPN Transistor Array
June 5, 2006
logo
Solid States Devices, I...
SPT3571 SSDI-SPT3571 Datasheet
496Kb / 4P
HIGH FREQUENCY TRANSISTOR NPN
logo
NEC
UPA101 NEC-UPA101 Datasheet
63Kb / 8P
HIGH FREQUENCY NPN TRANSISTOR ARRAY
UPA102 NEC-UPA102 Datasheet
54Kb / 8P
HIGH FREQUENCY NPN TRANSISTOR ARRAY
logo
Renesas Technology Corp
CA3127 RENESAS-CA3127 Datasheet
455Kb / 9P
High Frequency NPN Transistor Array
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com