Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3228 Datasheet (PDF) - Harris Corporation

CA3228 Datasheet PDF - Harris Corporation
Part # CA3228
Download  CA3228 Download

File Size   113.14 Kbytes
Page   9 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description Speed Control System with Memory

CA3228 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3228 Datasheet PDF - Harris Corporation

Part # CA3228
Download  CA3228 Click to download

File Size   113.14 Kbytes
Page   9 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description Speed Control System with Memory

CA3228 Datasheet (HTML) - Harris Corporation

CA3228 Datasheet HTML 1Page - Harris Corporation CA3228 Datasheet HTML 2Page - Harris Corporation CA3228 Datasheet HTML 3Page - Harris Corporation CA3228 Datasheet HTML 4Page - Harris Corporation CA3228 Datasheet HTML 5Page - Harris Corporation CA3228 Datasheet HTML 6Page - Harris Corporation CA3228 Datasheet HTML 7Page - Harris Corporation CA3228 Datasheet HTML 8Page - Harris Corporation CA3228 Datasheet HTML 9Page - Harris Corporation

CA3228 Product details

Description
The CA3228 is a monolithic integrated circuit designed as an automotive speed-control system.
The system monitors vehicle speed and compares it to a stored reference speed. Any deviation in vehicle speed causes a servo mechanism to open or close the engine throttle as required to eliminate the speed error. The reference speed, set by the driver, is stored in a 9-bit counter.

Features
• Low Power Dissipation
• I2L Control Logic
• Power-On Reset
• On-Chip Oscillator for System Time Reference
• Single Input Line for Operator Commands
• Amplitude Encoded Control Signals
• Transient Compensated Input Commands
• Controlled Acceleration Mode
• Internal Redundant Brake and Low-Speed Disable
• Braking Disable

Applications
• Automotive Speed Control
• Residential and Industrial Heating and Cooling Controls
• Industrial AC and DC Motor Speed Control
• Applications Requiring Acceleration and Deceleration Control




Similar Part No. - CA3228

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3224E INTERSIL-CA3224E Datasheet
161Kb / 6P
   Automatic Picture Tube Bias Control Circuit
logo
Renesas Technology Corp
CA3224E RENESAS-CA3224E Datasheet
366Kb / 6P
   Automatic Picture Tube Bias Control Circuit
October 2002
logo
Intersil Corporation
CA3224E INTERSIL-CA3224E_02 Datasheet
161Kb / 6P
   Automatic Picture Tube Bias Control Circuit
CA3227 INTERSIL-CA3227 Datasheet
64Kb / 7P
   High-Frequency NPN Transistor Array For Low-Power Applications at Frequencies Up to 1.5GHz
May 2000
CA3227 INTERSIL-CA3227 Datasheet
203Kb / 6P
   High-Frequency NPN Transistor Array For Low-Power Applications at Frequencies Up to 1.5GHz
More results


Similar Description - CA3228

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC63C0316 SILAN-SC63C0316 Datasheet
288Kb / 24P
   AUDIO CONTROL SYSTEM WITH BUILTIN
logo
Hynix Semiconductor
GM62093A HYNIX-GM62093A Datasheet
87Kb / 6P
   12x8 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100_03 Datasheet
300Kb / 10P
   4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Festo Corporation.
8118457 FESTO-8118457 Datasheet
94Kb / 1P
   Control system
1/21/22
8118456 FESTO-8118456 Datasheet
98Kb / 1P
   Control system
1/21/22
8118454 FESTO-8118454 Datasheet
97Kb / 1P
   Control system
1/21/22
8118455 FESTO-8118455 Datasheet
93Kb / 1P
   Control system
1/21/22
logo
NEC
UPD22100 NEC-UPD22100 Datasheet
151Kb / 16P
   CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
logo
Renesas Technology Corp
M62021L RENESAS-M62021L Datasheet
183Kb / 14P
   System Reset IC with Switch for Memory Backup
logo
Maxim Integrated Produc...
MAX16031 MAXIM-MAX16031_10 Datasheet
290Kb / 41P
   EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 2; 6/10
More results




About Harris Corporation


Harris Corporation was a Florida-based technology company that specialized in communications and information technology. The company was founded in 1895 and went through several iterations over the years, including mergers and acquisitions.

In 2019, Harris Corporation merged with L3 Technologies to form L3Harris Technologies, which is now one of the largest defense companies in the world. The company provides a wide range of products and services in the areas of aerospace, defense, communications, and intelligence.

Some of Harris Corporation's previous areas of focus included tactical radios, satellite communications systems, air traffic control systems, and cybersecurity solutions. The company's customers included the U.S. military, government agencies, and commercial organizations around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com