Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3242 Datasheet (PDF) - Intersil Corporation

CA3242 Datasheet PDF - Intersil Corporation
Part # CA3242
Download  CA3242 Download
File Size   12.93 Kbytes
Page   1 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad-Gated Inverting Power Driver For Interfacing Low-Level Logic to High Current Load

CA3242 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3242 Datasheet PDF - Intersil Corporation

Part # CA3242
Download  CA3242 Click to download

File Size   12.93 Kbytes
Page   1 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad-Gated Inverting Power Driver For Interfacing Low-Level Logic to High Current Load

CA3242 Datasheet (HTML) - Intersil Corporation


CA3242 Product details

Description
The CA3242 quad-gated inverting power driver contains four gate switches for interfacing low-level logic to inductive and resistive loads such as: relays, solenoids, AC and DC motors, heaters, incandescent displays, and vacuum fluorescent displays.
Output overload protection is provided when the load current (approximately 1.2A) causes the output VCE(sat) to rise above 1.3V. A built-in time delay, nominally 25µs, is provided during output turn-on as output drops from VDD to VSAT. That output will be shut down by its protection network without affecting the other outputs. The corresponding Input or Enable must be toggled to reset the output protection circuit.
Steering diodes in the outputs in conjunction with external zener diodes protect the IC against voltage transients due to switching inductive loads.
To allow for maximum heat transfer from the chip, the four center leads are directly connected to the die mounting pad. In free air, junction-to-air thermal resistance (RθJA) is 60oC/W (typical). This coefficient can be lowered by suitable design of the PC board to which the CA3242 is soldered.

Features
• Driven Outputs Capable of Switching 600mA Load
   Currents Without Spurious Changes in Output State
• Inputs Compatible with TTL or 5V CMOS Logic
• Suitable for Resistive or Inductive Loads
• Output Overload Protection
• Power-Frame Construction for Good Heat Dissipation

Applications
• Relays
• Solenoids
• AC and DC Motors
• Heaters
• Incandescent Displays
• Vacuum Fluorescent Displays




Similar Part No. - CA3242

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA324 INTERSIL-CA324 Datasheet
200Kb / 7P
Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA3240 INTERSIL-CA3240 Datasheet
609Kb / 15P
Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
August 2001
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
SYC Electronica
CA3240 SYC-CA3240 Datasheet
716Kb / 15P
Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240A INTERSIL-CA3240A Datasheet
609Kb / 15P
Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
August 2001
More results


Similar Description - CA3242

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
Quad Gated Non-Inverting Power Driver
March 1998
CA3262A INTERSIL-CA3262A Datasheet
72Kb / 9P
Quad-Gated, Inverting Power Drivers
August 1997
logo
List of Unclassifed Man...
LX509 ETC-LX509 Datasheet
85Kb / 4P
Low Current Quad Inverting Amplifiers
logo
NXP Semiconductors
Z0103MA0 NXP-Z0103MA0 Datasheet
174Kb / 13P
4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
Z0103MN0 NXP-Z0103MN0 Datasheet
214Kb / 15P
4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
logo
Unisonic Technologies
U74HC4049 UTC-U74HC4049 Datasheet
175Kb / 6P
HEX INVERTING HIGH-TO-LOW LEVEL SHIFTER
logo
NXP Semiconductors
Z0103MA-116 PHILIPS-Z0103MA-116 Datasheet
205Kb / 13P
Direct interfacing to logic level ICs
23 August 2013
Z0107MA116 PHILIPS-Z0107MA116 Datasheet
200Kb / 13P
Direct interfacing to logic level ICs
23 August 2013
MAC97A8-412 PHILIPS-MAC97A8-412 Datasheet
182Kb / 13P
Direct interfacing to logic level ICs
7 November 2013
logo
Nexperia B.V. All right...
74HC4049 NEXPERIA-74HC4049 Datasheet
221Kb / 11P
Hex inverting HIGH-to-LOW level shifter
Rev. 8 - 16 March 2021
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com