Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3277 Datasheet (PDF) - Intersil Corporation

CA3277 Datasheet PDF - Intersil Corporation
Part # CA3277
Download  CA3277 Download
File Size   75.45 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual 5V Regulator with Serial Data Buffer Interface for Microcontroller Applications

CA3277 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3277 Datasheet PDF - Intersil Corporation

Part # CA3277
Download  CA3277 Click to download

File Size   75.45 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual 5V Regulator with Serial Data Buffer Interface for Microcontroller Applications

CA3277 Datasheet (HTML) - Intersil Corporation


CA3277 Product details

Description
The CA3277 is a Dual 5V Voltage Regulator IC intended for microprocessor and logic controller applications. It is supplied with features that are commonly specified for sequentially controlled shutdown and startup requirements of microcontrollers. Over-voltage shutdown, short circuit current limiting and thermal shutdown features are provided for protection in the harsh environmental applications of industrial and automotive systems. The CA3277 functions are complementary to the needs of microcontroller and memory circuits, providing for sustained memory with a 5V standby output.

Features
• Dual 5V Regulator
    - VOUT1 at 5V 100mA - Standby
    - VOUT2 at 5V 100mA - Enabled
    - Regulation Range 6V to 18V
    - Bandgap Voltage References
• Low Quiescent Idle Current, 500µA Typ.
• Over-Voltage Shutdown Protection, 20.5V Typ.
• Reverse Battery Protection, -26V Max.
• Thermal Shutdown Protection
• Short Circuit Current Limiting
• Low Input P.S. Flag and Delayed Reset Control
• Low Voltage Shutdown Control, Ouput1
• Ignition Comparator Logic Level Control
• Data Comparator and 100X Current Mult. Used as Input/Output Buffers for Remote Serial Data Communication

Applications
• Automotive 5V Regulators and Data Buffers
• Industrial Controller Remote System
• Microcontroller and Memory Power Supply
• Radio, TV, CATV, Consumer Applications




Similar Part No. - CA3277

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3272 INTERSIL-CA3272 Datasheet
91Kb / 10P
Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
CA3272A INTERSIL-CA3272A Datasheet
91Kb / 10P
Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
CA3272AM INTERSIL-CA3272AM Datasheet
91Kb / 10P
Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
CA3272AQ INTERSIL-CA3272AQ Datasheet
91Kb / 10P
Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
CA3273 INTERSIL-CA3273 Datasheet
24Kb / 4P
High-Side Driver
April 1994
More results


Similar Description - CA3277

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2957 NSC-LP2957 Datasheet
378Kb / 14P
5V Low-Dropout Regulator for P Applications
logo
STMicroelectronics
L4901A STMICROELECTRONICS-L4901A Datasheet
133Kb / 10P
DUAL 5V REGULATOR WITH RESET
Jun-2000
L4904A STMICROELECTRONICS-L4904A Datasheet
96Kb / 9P
DUAL 5V REGULATOR WITH RESET
Jun-2000
logo
List of Unclassifed Man...
WT62P1 ETC-WT62P1 Datasheet
416Kb / 48P
microcontroller for digital controlled monitor with Universal Serial Bus (USB) interface
logo
Harris Corporation
TA14832 HARRIS-TA14832 Datasheet
82Kb / 3P
DUAL 5V REGULATOR WITH LOGIC CONTROLLED STARUP FOR AUTOMOTIVE APPLICATIONS
logo
ATMEL Corporation
TSS463B ATMEL-TSS463B Datasheet
512Kb / 59P
VAN Data Link Controller with Serial Interface
ATA6602 ATMEL-ATA6602 Datasheet
4Mb / 362P
Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
TSS463-AA ATMEL-TSS463-AA_04 Datasheet
1Mb / 60P
VAN Data Link Controller with Serial Interface
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
logo
WAGO Kontakttechnik Gmb...
750-654 WAGO-750-654 Datasheet
476Kb / 12P
Serial Data Exchange Interface
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com