Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4024BMS Datasheet (PDF) - Intersil Corporation

CD4024BMS Datasheet PDF - Intersil Corporation
Part # CD4024BMS
Download  CD4024BMS Download
File Size   103.39 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Ripple-Carry Binary Counter/Dividers

CD4024BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4024BMS Datasheet PDF - Intersil Corporation

Part # CD4024BMS
Download  CD4024BMS Click to download

File Size   103.39 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Ripple-Carry Binary Counter/Dividers

CD4024BMS Datasheet (HTML) - Intersil Corporation


CD4024BMS Product details

Description

CD4020BMS, CD4024BMS, and CD4040BMS are ripple carry binary counters. All counter stages are master-slave flip-flops. The state of a counter advances one count on the negative transition of each input pulse; a high level on the RESET line resets the counter to its all zeros state. Schmitt trigger action on the input-pulse line permits unlimited rise and fall times. All inputs and outputs are buffered.



Features

• High Voltage Types (20V Rating)

• Medium Speed Operation

• Fully Static Operation

• Buffered Inputs and Outputs

• 100% Tested for Quiescent Current at 20V

• Standardized Symmetrical Output Characteristics

• Common Reset

• 5V, 10V and 15V Parametric Ratings

• Maximum Input Current of 1µa at 18V Over Full Pack age-Temperature Range;

- 100nA at 18V and 25oC

• Noise Margin (Over Full Package Temperature Range):

- 1V at VDD = 5V

- 2V at VDD = 10V

- 2.5V at VDD = 15V

• Meets All Requirements of JEDEC Tentative Standard

  No. 13B, “Standard Specifications For Description Of ‘B’ Series CMOS Devices”



Applications

• Control Counters

• Timers

• Frequency Dividers

• Time-Delay Circuits




Similar Part No. - CD4024BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4024BM TI-CD4024BM Datasheet
225Kb / 13P
CMOS RIPPLE-CARRY BINARY COUNTER DIVIDERS
logo
National Semiconductor ...
CD4024BM NSC-CD4024BM Datasheet
114Kb / 6P
7-Stage Ripple Carry Binary Counter
CD4024BM NSC-CD4024BM Datasheet
114Kb / 6P
7-Stage Ripple Carry Binary Counter
logo
Texas Instruments
CD4024BM TI-CD4024BM Datasheet
1Mb / 23P
CMOS Ripple-Carry Binary Counter / Dividers
CD4024BM TI1-CD4024BM Datasheet
1Mb / 22P
CMOS Ripple-Carry Binary Counter/Drivers
More results


Similar Description - CD4024BMS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4020B STMICROELECTRONICS-HCC4020B Datasheet
267Kb / 11P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS
Mar-1989
logo
Texas Instruments
CD4020B TI-CD4020B Datasheet
225Kb / 13P
CMOS RIPPLE-CARRY BINARY COUNTER DIVIDERS
logo
Toshiba Semiconductor
TC4024BP TOSHIBA-TC4024BP Datasheet
249Kb / 6P
7 STAGE RIPPLE - CARRY BINARY COUNTER/DIVIDERS
logo
Micro Electronics
MMC4024 MICRO-ELECTRONICS-MMC4024 Datasheet
111Kb / 4P
RIPPLE CARRY BINARY COUNTER / DIVIDERS
logo
STMicroelectronics
HCF4040B STMICROELECTRONICS-HCF4040B Datasheet
246Kb / 10P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS 12 STAGE
September 2001
HCF4024B STMICROELECTRONICS-HCF4024B Datasheet
235Kb / 10P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS 7 STAGE
Sep-2001
HCF4020B STMICROELECTRONICS-HCF4020B Datasheet
191Kb / 11P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE
Mar-2004
logo
Toshiba Semiconductor
TC4024BP TOSHIBA-TC4024BP_07 Datasheet
314Kb / 9P
7 Stage Ripple-Carry Binary Counter/Dividers
TC4040BP TOSHIBA-TC4040BP_07 Datasheet
326Kb / 9P
12 Stage Ripple-Carry Binary Counter/Dividers
logo
Texas Instruments
CD4040BEE4 TI-CD4040BEE4 Datasheet
1Mb / 23P
CMOS Ripple-Carry Binary Counter / Dividers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com