Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWG28-14-F-1-300-R Datasheet (PDF) - Assmann Electronics Inc.

AWG28-14-F-1-300-R Datasheet PDF - Assmann Electronics Inc.
Part # AWG28-14-F-1-300-R
Download  AWG28-14-F-1-300-R Download
File Size   75.31 Kbytes
Page   1 Pages
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.
Description Multi-Color Ribbon Cable - 28AWG

AWG28-14-F-1-300-R Datasheet (PDF)

Go To PDF Page Download Datasheet
AWG28-14-F-1-300-R Datasheet PDF - Assmann Electronics Inc.

Part # AWG28-14-F-1-300-R
Download  AWG28-14-F-1-300-R Click to download

File Size   75.31 Kbytes
Page   1 Pages
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.
Description Multi-Color Ribbon Cable - 28AWG

AWG28-14-F-1-300-R Datasheet (HTML) - Assmann Electronics Inc.




Similar Part No. - AWG28-14-F-1-300-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AWG28-14-F-300 ASSMANN-AWG28-14-F-300 Datasheet
48Kb / 1P
Flat Ribbon Cable - 14 Conductors 1.27MM Pitch, 300 Feet-13??Reel, Multicolor
More results


Similar Description - AWG28-14-F-1-300-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AWG28-05-F-1-300-R ASSMANN-AWG28-05-F-1-300-R Datasheet
75Kb / 1P
Multi-Color Ribbon Cable - 28AWG, 1.0MM Pitch, 5 Conductors, 300 Feet, 13??Reel
AWG28-09-F-1-300-R ASSMANN-AWG28-09-F-1-300-R Datasheet
75Kb / 1P
Multi-Color Ribbon Cable - 28AWG
AWG28-16-F-1-300 ASSMANN-AWG28-16-F-1-300 Datasheet
75Kb / 1P
Multi-Color Ribbon Cable - 28AWG
AWG28-16-G-1-300 ASSMANN-AWG28-16-G-1-300 Datasheet
237Kb / 1P
Grey Ribbon Cable, 28AWG
AWG28-20-F-1-300 ASSMANN-AWG28-20-F-1-300 Datasheet
75Kb / 1P
Multi-Color Ribbon Cable - 28AWG,
AWG28-25-F-1-300-R ASSMANN-AWG28-25-F-1-300-R Datasheet
75Kb / 1P
Multi-Color Ribbon Cable - 28AWG,
AWG28-37-F-1-300-R ASSMANN-AWG28-37-F-1-300-R Datasheet
75Kb / 1P
Multi-Color Ribbon Cable - 28AWG,
AWG28-40-F-1-300-R ASSMANN-AWG28-40-F-1-300-R Datasheet
75Kb / 1P
Multi-Color Ribbon Cable - 28AWG
AWG28-44-F-1-300-R ASSMANN-AWG28-44-F-1-300-R Datasheet
75Kb / 1P
Multi-Color Ribbon Cable - 28AWG
AWG28-50-F-1-300 ASSMANN-AWG28-50-F-1-300 Datasheet
75Kb / 1P
Multi-Color Ribbon Cable - 28AWG
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com