Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC22106 Datasheet (PDF) - Intersil Corporation

CD74HC22106 Datasheet PDF - Intersil Corporation
Part # CD74HC22106
Download  CD74HC22106 Download
File Size   68.23 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description QMOS 8 x 8 x 1 Crosspoint Switches with Memory Control

CD74HC22106 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74HC22106 Datasheet PDF - Intersil Corporation

Part # CD74HC22106
Download  CD74HC22106 Click to download

File Size   68.23 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description QMOS 8 x 8 x 1 Crosspoint Switches with Memory Control

CD74HC22106 Datasheet (HTML) - Intersil Corporation


CD74HC22106 Product details

The CD74HC22106 is a digitally controlled analog switch
which utilize silicon-gate CMOS technology. The
CD74HC22106 features CMOS input-voltage-level
compatibility.
The Master Reset has an internal pull-up resistor and is
normally used with a 0.1µF capacitor. During power up all
switches are automatically reset. The crosspoint switches
will reset with MR = 0 even if CE is high. A 6-bit address
through a 6 line to 64 line decoder selects the transmission
gate which can be turned on by applying a logic ONE to the
DATA input and logic ZERO to the STROBE. Similarly, any
transmission gate can be turned OFF by applying a logic
ZERO to the DATA input while strobing the STROBE with a
logic ZERO.

Features
• 64 Analog Switches in an 8 x 8 x 1 Array
• On-Chip Line Decoder and Control Latches
• Automatic Power-Up Reset by Using a 0.1µF Capacitor at
the MR Pin
• RON Resistanced 95Ω at VCC = 4.5V
• Analog Signal Capability: VDD/2
• Wide Operating Temp. Range: -40oC to 85oC
• 2V to 10V Operation
• High Noise Immunity: NIL = 30%, NIH = 30% of VDD; at
VDD = 5V and 10V




Similar Part No. - CD74HC22106

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC221 TI-CD74HC221 Datasheet
65Kb / 11P
High Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD74HC221 TI-CD74HC221 Datasheet
379Kb / 18P
High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD74HC221 TI-CD74HC221 Datasheet
450Kb / 22P
High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD74HC221 TI-CD74HC221 Datasheet
665Kb / 21P
High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD74HC221 TI2-CD74HC221 Datasheet
765Kb / 26P
High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
Revised October 2003
More results


Similar Description - CD74HC22106

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Sep-1988
M22101 STMICROELECTRONICS-M22101 Datasheet
157Kb / 8P
WITH CONTROL MEMORY 4 X 4 X 2 CROSSPOINT SWITCHES
Sep-1988
logo
Analog Devices
AD8108 AD-AD8108 Datasheet
434Kb / 28P
325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV.0
logo
Intersil Corporation
CD22M3493 INTERSIL-CD22M3493 Datasheet
37Kb / 6P
12 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
logo
STMicroelectronics
M3494 STMICROELECTRONICS-M3494 Datasheet
463Kb / 11P
CMOS 16 x 8 CROSSPOINT WITH CONTROL MEMORY
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494_06 Datasheet
556Kb / 8P
16 x 8 x 1 BiMOS-E Crosspoint Switch
January 16, 2006
CD22M3494MQZ96 INTERSIL-CD22M3494MQZ96 Datasheet
627Kb / 8P
16 x 8 x 1 BiMOS-E Crosspoint Switch
January 16, 2006
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Renesas Technology Corp
CD22M3494 RENESAS-CD22M3494 Datasheet
546Kb / 10P
16 x 8 x 1 BiMOS-E Crosspoint Switch
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com