| Manufacturer | Part # | Datasheet | Description |
 Analog Devices |
AD8055
|
207Kb / 11P |
Low Cost, 300 MHz Voltage Feedback Amplifiers
REV.B |
|
AD8057
|
184Kb / 14P |
Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV.A |
|
AD8055
|
302Kb / 16P |
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J |
|
AD8057
|
260Kb / 16P |
Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B |
|
AD8055ART
|
491Kb / 17P |
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J |
|
AD8058ARZ
|
485Kb / 17P |
Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
REV. D |
 Texas Instruments |
LM7121
|
709Kb / 21P |
235 MHz Tiny Low Power Voltage Feedback Amplifier
|
 Analog Devices |
AD8055
|
491Kb / 17P |
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J |
|
AD8056
|
491Kb / 17P |
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J |
|
AD8057
|
352Kb / 16P |
Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
Rev. E |