| Manufacturer | Part # | Datasheet | Description |
 Analog Devices |
AD8051
|
267Kb / 16P |
Low Cost, High Speed Rail-to-Rail Amplifiers
REV.B |
|
AD8061
|
314Kb / 16P |
Low-Cost, 300 MHz Rail-to-Rail Amplifiers
5/01-REV.C |
|
AD8091
|
229Kb / 16P |
Low-Cost, High-Speed Rail-to-Rail Amplifiers
5/02-Data Sheet changed from REV. 0 to REV. A. |
|
AD8648
|
339Kb / 12P |
Low Cost, 24 MHz, Rail-to-Rail, Quad Amplifiers
Jan-2006 |
|
AD8061
|
452Kb / 20P |
Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. D |
|
AD8061
|
530Kb / 20P |
Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. E |
|
AD8051
|
561Kb / 24P |
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H |
|
AD8091
|
413Kb / 20P |
Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C |
|
AD8062
|
393Kb / 20P |
Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J |
|
AD8063
|
393Kb / 20P |
Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J |