Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRS240D Datasheet (PDF) - Intersil Corporation

FRS240D Datasheet PDF - Intersil Corporation
Part # FRS240D
Download  FRS240D Download
File Size   48.87 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12A, 200V, 0.255 Ohm, Rad Hard, N-Channel Power MOSFETs

FRS240D Datasheet (PDF)

Go To PDF Page Download Datasheet
FRS240D Datasheet PDF - Intersil Corporation

Part # FRS240D
Download  FRS240D Click to download

File Size   48.87 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12A, 200V, 0.255 Ohm, Rad Hard, N-Channel Power MOSFETs

FRS240D Datasheet (HTML) - Intersil Corporation


FRS240D Product details

Description
The Intersil Corporation has designed a series of SECOND GENERATION hardened power MOSFETs of both N and P channel enhancement types with ratings from 100V to 500V, 1A to 60A, and on resistance as low as 25mΩ. Total dose hardness is offered at 100K RAD(Si) and 1000KRAD(Si) with neutron hardness ranging from 1E13n/cm2 for 500V product to 1E14n/cm2 for 100V product. Dose rate hardness (GAMMA DOT) exists for rates to 1E9 without current limiting and 2E12 with current limiting.

Features
• 12A, 200V, RDS(on) = 0.255Ω
• Second Generation Rad Hard MOSFET Results From New Design Concepts
• Gamma - Meets Pre-Rad Specifications to 100KRAD(Si)
    - Defined End-Point Specs at 300KRAD(Si) and 1000KRAD(Si)
    - Performance Permits Limited Use to 3000KRAD(Si)
• Gamma Dot - Survives 3E9 RAD(Si)/sec at 80% BVDSS Typically
    - Survives 2E12 Typically If Current Limited to IDM
• Photo Current - 5.0nA Per-RAD(Si)/sec Typically
• Neutron - Pre-RAD Specifications for 1E13 Neutrons/cm2
    - Usable to 1E14 Neutrons/cm2




Similar Part No. - FRS240D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRS244D INTERSIL-FRS244D Datasheet
48Kb / 6P
9A, 250V, 0.415 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRS244H INTERSIL-FRS244H Datasheet
48Kb / 6P
9A, 250V, 0.415 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRS244R INTERSIL-FRS244R Datasheet
48Kb / 6P
9A, 250V, 0.415 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
logo
First Components Intern...
FRS24G FCI-FRS24G Datasheet
507Kb / 2P
2 .0 Amp Surface Mount Glass Passivated Fast Recovery Rectifiers
More results


Similar Description - FRS240D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRE260D INTERSIL-FRE260D Datasheet
49Kb / 6P
31A, 200V, 0.080 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRE460D INTERSIL-FRE460D Datasheet
48Kb / 6P
12A, 500V, 0.410 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRF250D INTERSIL-FRF250D Datasheet
49Kb / 6P
23A, 200V, 0.115 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRK250D INTERSIL-FRK250D Datasheet
48Kb / 6P
27A, 200V, 0.100 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRK260D INTERSIL-FRK260D Datasheet
47Kb / 6P
46A, 200V, 0.070 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRL230D INTERSIL-FRL230D Datasheet
47Kb / 6P
5A, 200V, 0.500 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM230D INTERSIL-FRM230D Datasheet
59Kb / 6P
8A, 200V, 0.50 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM244D INTERSIL-FRM244D Datasheet
47Kb / 6P
12A, 250V, 0.400 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRS130D INTERSIL-FRS130D Datasheet
48Kb / 6P
12A, 100V, 0.195 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRS230D INTERSIL-FRS230D Datasheet
48Kb / 6P
7A, 200V, 0.515 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com