Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-2505 Datasheet (PDF) - Intersil Corporation

HA-2505 Datasheet PDF - Intersil Corporation
Part # HA-2505
Download  HA-2505 Download
File Size   93.09 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12MHz, High Input Impedance, Operational Amplifier

HA-2505 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-2505 Datasheet PDF - Intersil Corporation

Part # HA-2505
Download  HA-2505 Click to download

File Size   93.09 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12MHz, High Input Impedance, Operational Amplifier

HA-2505 Datasheet (HTML) - Intersil Corporation


HA-2505 Product details

HA-2505 is an operational amplifier whose design is optimized to deliver excellent slew rate, bandwidth, and settling time specifications. The outstanding dynamic features of this internally compensated device are complemented with low offset voltage and offset current.

Features
• Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V/µs
• Fast Settling . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 330ns
• Full Power Bandwidth . . . . . . . . . . . . . . . . . . . . . 500kHz
• Gain Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . 12MHz
• High Input Impedance . . . . . . . . . . . . . . . . . . . . . . 50MΩ
• Low Offset Current . . . . . . . . . . . . . . . . . . . . . . . . . . 10nA
• Internally Compensated For Unity Gain Stability

Applications
• Data Acquisition Systems
• RF Amplifiers
• Video Amplifiers
• Signal Generators




Similar Part No. - HA-2505

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2505 INTERSIL-HA-2505 Datasheet
328Kb / 8P
12MHz, High Input Impedance, Operational Amplifier
May 2003
logo
Renesas Technology Corp
HA-2505 RENESAS-HA-2505 Datasheet
481Kb / 8P
12MHz, High Input Impedance, Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2505 INTERSIL-HA-2505_03 Datasheet
328Kb / 8P
12MHz, High Input Impedance, Operational Amplifier
May 2003
More results


Similar Description - HA-2505

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2600 INTERSIL-HA-2600 Datasheet
110Kb / 7P
12MHz, High Input Impedance Operational Amplifiers
September 1998
HA-2515 INTERSIL-HA-2515 Datasheet
209Kb / 8P
12MHz, High Input Impedance, Operational Amplifier
May 2003
HA-2505 INTERSIL-HA-2505_03 Datasheet
328Kb / 8P
12MHz, High Input Impedance, Operational Amplifier
May 2003
HA-2600 INTERSIL-HA-2600_06 Datasheet
318Kb / 9P
12MHz, High Input Impedance Operational Amplifier
January 16, 2006
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
12MHz Rail-to-Rail Input-Output Operational Amplifier
September 25, 2009
EL5220TILZ-T13 INTERSIL-EL5220TILZ-T13 Datasheet
384Kb / 15P
12MHz Rail-to-Rail Input-Output Operational Amplifier
May 4, 2010
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
12MHz Rail-to-Rail Input-Output Operational Amplifier
HA-2505 RENESAS-HA-2505 Datasheet
481Kb / 8P
12MHz, High Input Impedance, Operational Amplifier
May 2003
HA-2515 RENESAS-HA-2515 Datasheet
489Kb / 8P
12MHz, High Input Impedance, Operational Amplifier
May 2003
HA-2600 RENESAS-HA-2600 Datasheet
381Kb / 9P
12MHz, High Input Impedance Operational Amplifier
January 16, 2006
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com