Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-2640 Datasheet (PDF) - Intersil Corporation

HA-2640 Datasheet PDF - Intersil Corporation
Part # HA-2640
Download  HA-2640 Download
File Size   89.45 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4MHz, High Supply Voltage Operational Amplifiers

HA-2640 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-2640 Datasheet PDF - Intersil Corporation

Part # HA-2640
Download  HA-2640 Click to download

File Size   89.45 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4MHz, High Supply Voltage Operational Amplifiers

HA-2640 Datasheet (HTML) - Intersil Corporation


HA-2640 Product details

HA-2640 and HA-2645 are monolithic operational amplifiers which are designed to deliver unprecedented dynamic specifications for a high voltage internally compensated device. These dielectrically isolated devices offer very low values for offset voltage and offset current coupled with large output voltage swing and common mode input voltage.

Features
• Output Voltage Swing . . . . . . . . . . . . . . . . . . . . . . .  ±35V
• Supply Voltage . . . . . . . . . . . . . . . . . . . . . .  ±10V to ±40V
• Offset Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5nA
• Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4MHz
• Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V/µs
• Common Mode Input Voltage Range. . . . . . . . . . . . ±35V
• Output Overload Protection

Applications
• Industrial Control Systems
• Power Supplies
• High Voltage Regulators
• Resolver Excitation
• Signal Conditioning




Similar Part No. - HA-2640

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2640 INTERSIL-HA-2640 Datasheet
285Kb / 8P
4MHz, High Supply Voltage Operational Amplifiers
January 3, 2006
logo
Renesas Technology Corp
HA-2640 RENESAS-HA-2640 Datasheet
577Kb / 9P
4MHz, High Supply Voltage Operational Amplifiers
August 7, 2015
logo
Intersil Corporation
HA-2640 INTERSIL-HA-2640_06 Datasheet
285Kb / 8P
4MHz, High Supply Voltage Operational Amplifiers
January 3, 2006
More results


Similar Description - HA-2640

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4742 NEC-UPC4742 Datasheet
84Kb / 12P
SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
ISL55002 INTERSIL-ISL55002 Datasheet
699Kb / 14P
High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
July 15, 2005
logo
Cirrus Logic
PA94 APEX-PA94 Datasheet
224Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
HA-2640 INTERSIL-HA-2640_06 Datasheet
285Kb / 8P
4MHz, High Supply Voltage Operational Amplifiers
January 3, 2006
logo
Cirrus Logic
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
High Voltage Power Operational Amplifiers
logo
Advanced Monolithic Sys...
AMS386 AMS-AMS386 Datasheet
202Kb / 2P
Single Supply Operational Amplifiers
logo
Texas Instruments
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
Single-Supply Operational Amplifiers
3580 TI1-3580 Datasheet
2Mb / 6P
High Voltage OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
HA-2640 RENESAS-HA-2640 Datasheet
577Kb / 9P
4MHz, High Supply Voltage Operational Amplifiers
August 7, 2015
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com