| Manufacturer | Part # | Datasheet | Description |
 Analog Devices |
OP-27
|
703Kb / 12P |
LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
|
 Intersil Corporation |
HA-5127
|
570Kb / 9P |
8.5MHz, Ultra-Low Noise Precision Operational Amplifier
September 1998 |
|
HA-5137
|
100Kb / 8P |
60MHz, Ultra Low Noise, Precision Operational Amplifier
June 1998 |
|
HA-5127883
|
124Kb / 5P |
Ultra Low Noise, Precision Operational Amplifier
October 2004 |
|
HA-5127
|
653Kb / 9P |
8.5MHz, Ultra-Low Noise Precision Operational Amplifier
July 27, 2005 |
|
HA-5127883
|
193Kb / 6P |
Ultra Low Noise, Precision Operational Amplifier
January 16, 2006 |
 Analog Devices |
OP27
|
428Kb / 20P |
Low Noise, Precision Operational Amplifier
Rev. F |
|
OP27CH
|
429Kb / 20P |
Low Noise, Precision Operational Amplifier
Rev. F |
 Renesas Technology Corp |
HA-5127
|
1Mb / 12P |
8.5MHz, Ultra-Low Noise Precision Operational Amplifier
November 29, 2011 |
|
HA-5137A
|
883Kb / 9P |
63MHz, Ultra-Low Noise Precision Operational Amplifier
April 2000 |