Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-5142 Datasheet (PDF) - Intersil Corporation

HA-5142 Datasheet PDF - Intersil Corporation
Part # HA-5142
Download  HA-5142 Download
File Size   774.0 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual, 400kHz, Ultra-Low Power Operational Amplifier

HA-5142 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-5142 Datasheet PDF - Intersil Corporation

Part # HA-5142
Download  HA-5142 Click to download

File Size   774.0 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual, 400kHz, Ultra-Low Power Operational Amplifier

HA-5142 Datasheet (HTML) - Intersil Corporation


HA-5142 Product details

The HA-5142 ultra-low power operational amplifier provides AC and DC performance characteristics similar to or better than most general purpose amplifiers while only drawing 1/30 of the supply current of most general purpose amplifiers. In applications which require low power dissipation and good AC electrical characteristics, this device offers the industry’s best speed/power ratio.

Features
• Low Supply Current . . . . . . . . . . . . . . . . . . . . . 45µA/Amp
• Wide Supply Voltage Range Single . . . . . . . . . 3V to 30V
    - or Dual . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±1.5V to ±15V
• High Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5V/µs
• High Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100kV/V
• Unity Gain Stable

Applications
• Portable Instruments
• Meter Amplifiers
• Telephone Headsets
• Microphone Amplifiers
• Instrumentation
    - For Further Design Ideas See Application Note 544




Similar Part No. - HA-5142

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5142 INTERSIL-HA-5142 Datasheet
761Kb / 10P
Dual, 400kHz, Ultra-Low Power Operational Amplifier
November 16, 2004
logo
Renesas Technology Corp
HA-5142 RENESAS-HA-5142 Datasheet
768Kb / 10P
Dual, 400kHz, Ultra-Low Power Operational Amplifier
November 16, 2004
logo
Intersil Corporation
HA-5142/883 INTERSIL-HA-5142/883 Datasheet
561Kb / 5P
Dual, Ultra Low Power Operational Amplifier
July 1994
HA-5142883 INTERSIL-HA-5142883 Datasheet
561Kb / 5P
Dual, Ultra Low Power Operational Amplifier
July 1994
HA-5142 INTERSIL-HA-5142_04 Datasheet
761Kb / 10P
Dual, 400kHz, Ultra-Low Power Operational Amplifier
November 16, 2004
More results


Similar Description - HA-5142

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2122 NJRC-NJM2122 Datasheet
271Kb / 6P
ULTRA LOW NOISE DUAL OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5142883 INTERSIL-HA-5142883 Datasheet
561Kb / 5P
Dual, Ultra Low Power Operational Amplifier
July 1994
logo
Integral Corp.
IL2904 INTEGRAL-IL2904 Datasheet
325Kb / 6P
Low Power Dual Operational Amplifier
logo
Intersil Corporation
HA-5142 INTERSIL-HA-5142_04 Datasheet
761Kb / 10P
Dual, 400kHz, Ultra-Low Power Operational Amplifier
November 16, 2004
logo
STMicroelectronics
LM2904 STMICROELECTRONICS-LM2904_08 Datasheet
387Kb / 22P
Low power dual operational amplifier
08-Apr-2008
logo
KODENSHI_AUK CORP.
KK358 KODENSHI-KK358 Datasheet
360Kb / 6P
Low Power Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL2904 IKSEMICON-IL2904_11 Datasheet
373Kb / 6P
Low Power Dual Operational Amplifier
logo
Shenzhen Huazhimei Semi...
LM358 HMSEMI-LM358 Datasheet
796Kb / 5P
Low power dual operational amplifier
logo
Microchip Technology
MIC861 MICROCHIP-MIC861 Datasheet
2Mb / 24P
Ultra-Low Power Operational Amplifier
02/28/20
logo
Renesas Technology Corp
HA-5142 RENESAS-HA-5142 Datasheet
768Kb / 10P
Dual, 400kHz, Ultra-Low Power Operational Amplifier
November 16, 2004
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com