Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-5170 Datasheet (PDF) - Intersil Corporation

HA-5170 Datasheet PDF - Intersil Corporation
Part # HA-5170
Download  HA-5170 Download
File Size   654.78 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8MHz, Precision, JFET Input Operational Amplifier

HA-5170 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-5170 Datasheet PDF - Intersil Corporation

Part # HA-5170
Download  HA-5170 Click to download

File Size   654.78 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8MHz, Precision, JFET Input Operational Amplifier

HA-5170 Datasheet (HTML) - Intersil Corporation


HA-5170 Product details

The Intersil HA-5170 is a precision, JFET input, operational amplifier which features low noise, low offset voltage and low offset voltage drift. Constructed using FET/Bipolar technology, the Intersil Dielectric Isolation (DI) process, and laser trimming this amplifier offers low input bias and offset currents. This operational amplifier design also completely eliminates the troublesome errors due to warm-up drift.

Features
• Low Offset Voltage. . . . . . . . . . . . . . . . . . . . . . . . . .100µV
• Low Offset Voltage Drift . . . . . . . . . . . . . . . . . . . . . 2µV/°C
• Low Noise . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10nV/√Hz
• High Open Loop Gain . . . . . . . . . . . . . . . . . . . . . 600kV/V
• Wide Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8MHz
• Unity Gain Stable

Applications
• High Gain Instrumentation Amplifiers
• Precision Data Acquisition
• Precision Integrators
• Precision Threshold Detectors
• For Further Design Ideas, Refer to Application Note 540




Similar Part No. - HA-5170

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5170 INTERSIL-HA-5170 Datasheet
578Kb / 9P
8MHz, Precision, JFET Input Operational Amplifier
logo
Renesas Technology Corp
HA-5170 RENESAS-HA-5170 Datasheet
662Kb / 9P
8MHz, Precision, JFET Input Operational Amplifier
November 2004
logo
Intersil Corporation
HA-5170 INTERSIL-HA-5170_00 Datasheet
578Kb / 9P
8MHz, Precision, JFET Input Operational Amplifier
More results


Similar Description - HA-5170

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-215 AD-OP-215 Datasheet
393Kb / 8P
DUAL PRECISION JFET-INPUT OPERATIONAL AMPLIFIER
OP215 AD-OP215 Datasheet
162Kb / 8P
Dual Precision JFET-Input Operational Amplifier
4/02-REV.A
logo
Intersil Corporation
HA-5170 INTERSIL-HA-5170_00 Datasheet
578Kb / 9P
8MHz, Precision, JFET Input Operational Amplifier
logo
New Japan Radio
NJM8502 NJRC-NJM8502 Datasheet
560Kb / 10P
Precision, Dual, JFET Input Operational Amplifier
logo
Analog Devices
OP215GS AD-OP215GS Datasheet
145Kb / 8P
Dual Precision JFET-Input Operational Amplifier
REV. A
OP215 AD-OP215_15 Datasheet
163Kb / 8P
Dual Precision JFET-Input Operational Amplifier
REV. A
logo
New Japan Radio
NJM8512 NJRC-NJM8512 Datasheet
1Mb / 14P
Precision, JFET Input Operational Amplifier
NJM8513 NJRC-NJM8513 Datasheet
1Mb / 14P
Precision, JFET Input Operational Amplifier
logo
Analog Devices
OP215 AD-OP215_17 Datasheet
193Kb / 9P
Dual Precision JFET-Input Operational Amplifier
23-Aug-2017
logo
Renesas Technology Corp
HA-5170 RENESAS-HA-5170 Datasheet
662Kb / 9P
8MHz, Precision, JFET Input Operational Amplifier
November 2004
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com