Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC3-5560-5 Datasheet (PDF) - Intersil Corporation

HC3-5560-5 Datasheet PDF - Intersil Corporation
Part # HC3-5560-5
Download  HC3-5560-5 Download
File Size   67.07 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description PCM Transcoder

HC3-5560-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
HC3-5560-5 Datasheet PDF - Intersil Corporation

Part # HC3-5560-5
Download  HC3-5560-5 Click to download

File Size   67.07 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description PCM Transcoder

HC3-5560-5 Datasheet (HTML) - Intersil Corporation


HC3-5560-5 Product details

PCM Transcoder



The HC-5560 digital line transcoder provides encoding and decoding of pseudo ternary line code substitution schemes. Unlike other industry standard transcoders, the HC-5560 provides four worldwide compatible mode selectable code substitution schemes, including HDB3 (High Density Bipolar 3), B6ZS, B8ZS (Bipolar with 6 or 8 Zero Substitution) and AMI (Alternate Mark Inversion).



Features

• Single 5V Supply . . . . . . . . . . . . . . . . . . . . . .  10mA (Typ)

• Mode Selectable Coding Including:

- AMI (T1, T1C)

- B8ZS (T1)

- HDB3 (PCM30)

• North American and European Compatibility

• Simultaneous Encoding and Decoding

• Asynchronous Operation

• Loop Back Control

• Transmission Error Detection

• Alarm Indication Signal

• Replaces MJ1440, MJ1471 and TCM2201 Transcoders



Applications

• North American and European PCM Transmission Lines where Pseudo Ternary Line Code Substitution Schemes are Desired

• Any Equipment that Interfaces T1, T1C, T2 or PCM30 Lines Including Multiplexers, Channel Service Units,

(CSUs) Echo Cancellors, Digital Cross-Connects (DSXs), T1 Compressors, etc.

• Related Literature

- AN573, The HC-5560 Digital Line Transcoder




Similar Part No. - HC3-5560-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC3-5560-5 INTERSIL-HC3-5560-5 Datasheet
388Kb / 10P
PCM Transcoder
July 2003
logo
Renesas Technology Corp
HC3-5560-5 RENESAS-HC3-5560-5 Datasheet
546Kb / 10P
PCM Transcoder
July 2003
More results


Similar Description - HC3-5560-5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145532 MOTOROLA-MC145532 Datasheet
220Kb / 16P
ADPCM Transcoder
logo
NXP Semiconductors
TDA3592A PHILIPS-TDA3592A Datasheet
131Kb / 17P
SECAM-PAL transcoder
January 1988
logo
Mitel Networks Corporat...
MT9125 MITEL-MT9125 Datasheet
299Kb / 16P
CMOS Dual ADPCM Transcoder
MT9126 MITEL-MT9126 Datasheet
312Kb / 22P
CMOS Quad ADPCM Transcoder
logo
Mitsubishi Electric Sem...
M52063SP MITSUBISHI-M52063SP Datasheet
496Kb / 13P
NTSC/QUASI PAL TRANSCODER
logo
OKI electronic componet...
MSM6981-01 OKI-MSM6981-01 Datasheet
133Kb / 15P
32 kbps ADPCM TRANSCODER
logo
Intersil Corporation
HC-5560 INTERSIL-HC-5560_03 Datasheet
388Kb / 10P
PCM Transcoder
July 2003
logo
List of Unclassifed Man...
LICAL-TRC-MT ETC2-LICAL-TRC-MT Datasheet
420Kb / 15P
MT SERIES TRANSCODER DATA GUIDE
logo
Microchip Technology
HCS473 MICROCHIP-HCS473_13 Datasheet
1Mb / 68P
KEELOQ짰 3-Axis Transcoder
2000-2013
logo
Renesas Technology Corp
HC-5560 RENESAS-HC-5560 Datasheet
546Kb / 10P
PCM Transcoder
July 2003
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com