Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS393K Datasheet (PDF) - Intersil Corporation

HCTS393K Datasheet PDF - Intersil Corporation
Part # HCTS393K
Download  HCTS393K Download
File Size   145.02 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Dual 4-Stage Binary Counter

HCTS393K Datasheet (PDF)

Go To PDF Page Download Datasheet
HCTS393K Datasheet PDF - Intersil Corporation

Part # HCTS393K
Download  HCTS393K Click to download

File Size   145.02 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Dual 4-Stage Binary Counter

HCTS393K Datasheet (HTML) - Intersil Corporation


HCTS393K Product details

Description
The Intersil HCTS393MS is a Radiation Hardened 4-stage riple-carry binary counter. All counter stages are master-slave flip-flop. The state of the stage advances one count on the negative transition of each clock pulse. A high voltage level on the MR line resets all counters to their zero state. All inputs and outputs are buffered.

Features
• 3 Micron Radiation Hardened CMOS SOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Fanout (Over Temperature Range)
    - Standard Outputs: 10 LSTTL Loads
• Military Temperature Range: -55°C to +125°C
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• LSTTL Input Compatibility
    - VIL = 0.8V Max
    - VIH = VCC/2 Min
• Input Current Levels Ii ≤ 5µA at VOL, VOH




Similar Part No. - HCTS393K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS393K RENESAS-HCTS393K Datasheet
471Kb / 9P
Radiation Hardened Dual 4-Stage Binary Counter
August 1995
HCTS393KMSR RENESAS-HCTS393KMSR Datasheet
471Kb / 9P
Radiation Hardened Dual 4-Stage Binary Counter
August 1995
More results


Similar Description - HCTS393K

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS390 MOTOROLA-SN54LS390 Datasheet
193Kb / 7P
DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
logo
ON Semiconductor
MC74HC393A ONSEMI-MC74HC393A Datasheet
188Kb / 8P
Dual 4-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
MC84-74HC393 ONSEMI-MC84-74HC393 Datasheet
196Kb / 7P
Dual 4-Stage Binary Ripple Counter
REV 6
SN54-74LS390 ONSEMI-SN54-74LS390 Datasheet
71Kb / 5P
DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
logo
System Logic Semiconduc...
SL74HC393 SLS-SL74HC393 Datasheet
50Kb / 7P
Dual 4-Stage Binary Ripple Counter
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
14-Stage Binary Counter 12-Stage Binary Counter
logo
Intersil Corporation
HCTS93MS INTERSIL-HCTS93MS Datasheet
168Kb / 9P
Radiation Hardened 4-Bit Binary Ripple Counter
August 1995
logo
ON Semiconductor
MC74HC390A ONSEMI-MC74HC390A_14 Datasheet
127Kb / 8P
Dual 4-Stage Binary Ripple Counter
August, 2014 ??Rev. 7
MC74HC393A ONSEMI-MC74HC393A_14 Datasheet
120Kb / 8P
Dual 4-Stage Binary Ripple Counter
August, 2014 ??Rev. 7
logo
Renesas Technology Corp
HCTS393MS RENESAS-HCTS393MS Datasheet
471Kb / 9P
Radiation Hardened Dual 4-Stage Binary Counter
August 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com