Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS75K Datasheet (PDF) - Intersil Corporation

HCTS75K Datasheet PDF - Intersil Corporation
Part # HCTS75K
Download  HCTS75K Download
File Size   136.96 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Dual 2-Bit Bistable Transparent Latch

HCTS75K Datasheet (PDF)

Go To PDF Page Download Datasheet
HCTS75K Datasheet PDF - Intersil Corporation

Part # HCTS75K
Download  HCTS75K Click to download

File Size   136.96 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Dual 2-Bit Bistable Transparent Latch

HCTS75K Datasheet (HTML) - Intersil Corporation


HCTS75K Product details

Description
The Intersil HCTS75MS is a Radiation Hardened dual 2-bit bistable transparent latch. Each of the two latches are controlled by a separate enable input (E) which are active low. E low latches the output state.
The HCTS75MS utilizes advanced CMOS/SOS technology to achieve high-speed operation. This device is a member of radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCTS75MS is supplied in a 16 lead Ceramic flatpack (K suffix) or a SBDIP Package (D suffix).

Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55°C to +125°C
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• LSTTL Input Compatibility
    - VIL = 0.8V Max
    - VIH = VCC/2 Min
• Input Current Levels Ii ≤ 5µA at VOL, VOH




Similar Part No. - HCTS75K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS7266D/SAMPLE INTERSIL-HCTS7266D/SAMPLE Datasheet
135Kb / 8P
Radiation Hardened Quad 2-Input Exclusive NOR Gate
August 1995
HCTS7266DMSR INTERSIL-HCTS7266DMSR Datasheet
135Kb / 8P
Radiation Hardened Quad 2-Input Exclusive NOR Gate
August 1995
HCTS7266HMSR INTERSIL-HCTS7266HMSR Datasheet
135Kb / 8P
Radiation Hardened Quad 2-Input Exclusive NOR Gate
August 1995
HCTS7266K/SAMPLE INTERSIL-HCTS7266K/SAMPLE Datasheet
135Kb / 8P
Radiation Hardened Quad 2-Input Exclusive NOR Gate
August 1995
HCTS7266KMSR INTERSIL-HCTS7266KMSR Datasheet
135Kb / 8P
Radiation Hardened Quad 2-Input Exclusive NOR Gate
August 1995
More results


Similar Description - HCTS75K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC75 TI-CD74HC75 Datasheet
56Kb / 8P
Dual 2-Bit Bistable Transparent Latch
logo
Intersil Corporation
ACS373MS INTERSIL-ACS373MS Datasheet
91Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
April 1995
ACTS573MS INTERSIL-ACTS573MS Datasheet
45Kb / 3P
Radiation Hardened Octal Three-State Transparent Latch
January 1996
HCS373T INTERSIL-HCS373T Datasheet
95Kb / 3P
Radiation Hardened Octal Transparent Latch, Three-State
July 1999
HCTS373MS INTERSIL-HCTS373MS Datasheet
277Kb / 11P
Radiation Hardened Octal Transparent Latch, Three-State
August 1995
logo
Texas Instruments
CD54HC75 TI-CD54HC75 Datasheet
348Kb / 15P
Dual 2-Bit Bistable Transparent Latch
CD54HC75 TI-CD54HC75_07 Datasheet
430Kb / 19P
Dual 2-Bit Bistable Transparent Latch
CD54HC75 TI-CD54HC75_08 Datasheet
508Kb / 17P
Dual 2-Bit Bistable Transparent Latch
logo
Renesas Technology Corp
ACTS373MS RENESAS-ACTS373MS Datasheet
416Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
April 1995
HCS373MS RENESAS-HCS373MS Datasheet
547Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
September 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com