Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA1103 Datasheet (PDF) - Intersil Corporation

HFA1103 Datasheet PDF - Intersil Corporation
Part # HFA1103
Download  HFA1103 Download
File Size   94.48 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 200MHz, Video Op Amp with High Speed Sync Stripper

HFA1103 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA1103 Datasheet PDF - Intersil Corporation

Part # HFA1103
Download  HFA1103 Click to download

File Size   94.48 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 200MHz, Video Op Amp with High Speed Sync Stripper

HFA1103 Datasheet (HTML) - Intersil Corporation


HFA1103 Product details

The HFA1103 is a high-speed, wideband, fast settling current feedback op amp with a sync stripping function. The HFA1103 is a basic op amp with a modified output stage that enables it to strip the sync from a component video signal. The output stage has an open emitter NPN transistor that prevents the output from going low during the sync pulse.

Features
• Removes Sync Signal From Component Video
• Low Residual Sync. . . . . . . . . . . . . . . . . . . . . . 8mV (Typ)
• -3dB Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . 200MHz
• Very Fast Slew Rate . . . . . . . . . . . . . . . . . . . . . . . 600V/µs
• Fast Settling Time (0.1%) . . . . . . . . . . . . . . . . . . . . . . 9ns
• Excellent Gain Flatness, 32MHz . . . . . . . . . . . . . . ±0.1dB
• Overdrive Recovery . . . . . . . . . . . . . . . . . . . . . . . . <12ns

Applications
• RGB Video Sync Stripping
• RGB Video Distribution Amplifier for Workstations and PC Networks
• Video Conferencing Systems
• RGB Video Monitor Preamp
• Fiberoptic Receivers




Similar Part No. - HFA1103

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HFA1103 RENESAS-HFA1103 Datasheet
484Kb / 7P
200MHz, Video Op Amp with High Speed Sync Stripper
June 2004
logo
Intersil Corporation
HFA1103IB INTERSIL-HFA1103IB Datasheet
184Kb / 7P
200MHz, Video Op Amp with High Speed Sync Stripper
June 2004
logo
Renesas Technology Corp
HFA1103IB RENESAS-HFA1103IB Datasheet
484Kb / 7P
200MHz, Video Op Amp with High Speed Sync Stripper
June 2004
logo
Intersil Corporation
HFA1103 INTERSIL-HFA1103_04 Datasheet
184Kb / 7P
200MHz, Video Op Amp with High Speed Sync Stripper
June 2004
More results


Similar Description - HFA1103

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC411 NSC-CLC411 Datasheet
640Kb / 8P
High-Speed Video Op Amp with Disable
logo
Analog Devices
AD829 AD-AD829 Datasheet
321Kb / 12P
High-Speed, Low-Noise Video Op Amp
REV.E
AD829 AD-AD829_04 Datasheet
275Kb / 16P
High Speed, Low Noise Video Op Amp
4/04-Data Sheet changed from REV. F to REV. G.
logo
Intersil Corporation
HFA1103 INTERSIL-HFA1103_04 Datasheet
184Kb / 7P
200MHz, Video Op Amp with High Speed Sync Stripper
June 2004
logo
Analog Devices
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829_11 Datasheet
385Kb / 20P
High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829_15 Datasheet
379Kb / 20P
High Speed, Low Noise Video Op Amp
Rev. I
logo
Texas Instruments
CLC411 TI1-CLC411 Datasheet
620Kb / 14P
High Speed Video Op Amp with Disable
logo
Analog Devices
AD829 AD-AD829_17 Datasheet
394Kb / 21P
High Speed, Low Noise Video Op Amp
10/11-Rev. H to Rev. I
logo
Renesas Technology Corp
HFA1103 RENESAS-HFA1103 Datasheet
484Kb / 7P
200MHz, Video Op Amp with High Speed Sync Stripper
June 2004
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com