Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA1305 Datasheet (PDF) - Intersil Corporation

HFA1305 Datasheet PDF - Intersil Corporation
Part # HFA1305
Download  HFA1305 Download
File Size   143.83 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Triple, 560MHz, Low Power, Video Operational Amplifier

HFA1305 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA1305 Datasheet PDF - Intersil Corporation

Part # HFA1305
Download  HFA1305 Click to download

File Size   143.83 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Triple, 560MHz, Low Power, Video Operational Amplifier

HFA1305 Datasheet (HTML) - Intersil Corporation


HFA1305 Product details

The HFA1305 is a triple, high speed, low power current feedback amplifier built with Intersil’s proprietary complementary bipolar UHF-1 process.

Features
• Low Supply Current . . . . . . . . . . . . . . . . . 5.8mA/Op Amp
• High Input Impedance . . . . . . . . . . . . . . . . . . . . . . . 1MΩ
• Wide -3dB Bandwidth (AV = +2). . . . . . . . . . . . . . 560MHz
• Very Fast Slew Rate. . . . . . . . . . . . . . . . . . . . . . 2500V/µs
• Gain Flatness (to 50MHz). . . . . . . . . . . . . . . . . . . . . ±0.03dB
• Differential Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.02%
• Differential Phase. . . . . . . . . . . . . . . . . . . . . 0.03 Degrees
• All Hostile Crosstalk (5MHz) . . . . . . . . . . . . . . . . . . -60dB
• Pin Compatible Upgrade to HA5013, AD8073 and CLC5623 in ±5V Supply Applications.

Applications
• Flash A/D Drivers
• Professional Video Processing
• Video Digitizing Boards/Systems
• Computer Video Plug-In Boards
• RGB Preamps
• Medical Imaging
• Hand Held and Miniaturized RF Equipment
• Battery Powered Communications
• High Speed Oscilloscopes and Analyzers




Similar Part No. - HFA1305

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1305 INTERSIL-HFA1305 Datasheet
657Kb / 11P
Triple, 560MHz, Low Power, Video Operational Amplifier
June 2004
logo
Renesas Technology Corp
HFA1305 RENESAS-HFA1305 Datasheet
679Kb / 11P
Triple, 560MHz, Low Power, Video Operational Amplifier
June 2004
logo
Intersil Corporation
HFA1305IB INTERSIL-HFA1305IB Datasheet
657Kb / 11P
Triple, 560MHz, Low Power, Video Operational Amplifier
June 2004
logo
Renesas Technology Corp
HFA1305IB RENESAS-HFA1305IB Datasheet
679Kb / 11P
Triple, 560MHz, Low Power, Video Operational Amplifier
June 2004
logo
Intersil Corporation
HFA1305 INTERSIL-HFA1305_04 Datasheet
657Kb / 11P
Triple, 560MHz, Low Power, Video Operational Amplifier
June 2004
More results


Similar Description - HFA1305

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8013 AD-AD8013 Datasheet
319Kb / 12P
Single Supply, Low Power, Triple Video Amplifier
REV.A
logo
Intersil Corporation
HFA1405 INTERSIL-HFA1405 Datasheet
138Kb / 13P
Quad, 560MHz, Low Power, Video Operational Amplifier
September 1998
HFA1405 INTERSIL-HFA1405_05 Datasheet
329Kb / 15P
Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
HFA1305 INTERSIL-HFA1305_04 Datasheet
657Kb / 11P
Triple, 560MHz, Low Power, Video Operational Amplifier
June 2004
logo
Cirrus Logic
PA119CE CIRRUS-PA119CE Datasheet
206Kb / 5P
Video Power Operational Amplifier
PA119CE CIRRUS-PA119CE_10 Datasheet
654Kb / 5P
Video Power Operational Amplifier
logo
Analog Devices
AD813ANZ AD-AD813ANZ Datasheet
394Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813_15 Datasheet
553Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV. B
logo
Renesas Technology Corp
HFA1305 RENESAS-HFA1305 Datasheet
679Kb / 11P
Triple, 560MHz, Low Power, Video Operational Amplifier
June 2004
HFA1405 RENESAS-HFA1405 Datasheet
899Kb / 15P
Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com