Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA3664 Datasheet (PDF) - Intersil Corporation

HFA3664 Datasheet PDF - Intersil Corporation
Part # HFA3664
Download  HFA3664 Download
File Size   49.1 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.7GHz UpConverter with Gain Control

HFA3664 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA3664 Datasheet PDF - Intersil Corporation

Part # HFA3664
Download  HFA3664 Click to download

File Size   49.1 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.7GHz UpConverter with Gain Control

HFA3664 Datasheet (HTML) - Intersil Corporation


HFA3664 Product details

The HFA3664 UpConverter with Gain Control is a monolithic bipolar PRISM® device for up conversion applications in the 2.3GHz to 2.7GHz range. Manufactured in the Intersil UHF1X process, the device consists of a double balanced mixer followed by a variable gain power preamp. An energy saving, TTL Compatible, power enable input provides on/off bias current control to the mixer and amplifier. The device requires low drive levels from the local oscillator and is housed in a small outline 20 lead SSOP package ideally suited for PCMCIA card applications.

Features
• RF Frequency Range . . . . . . . . . . . . . . 2.3GHz to 2.7GHz
• IF Operation . . . . . . . . . . . . . . . . . . . . . 10MHz to 400MHz
• Gain Control Range . . . . . . . . . . . . . . . . . . . . . . . . . .20dB
• Single Supply Operation. . . . . . . . . . . . . . . . . 2.7V to 5.5V
• High Output 1dB Compression. . . . . . . . . . . . . . . . . 6dBm
• High Power Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . .18dB
• Power Enable/Disable Control

Applications
• Wireless Local Loop Systems
• PCMCIA Wireless Transceiver
• Wireless Local Area Network Modems
• CDMA/TDMA Packet Protocol Radios
• Full Duplex Transceivers
• Portable Battery Powered Equipment




Similar Part No. - HFA3664

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3661 INTERSIL-HFA3661 Datasheet
45Kb / 5P
2.0GHz to 2.7GHz DownConverter
February 1999
HFA3661IA INTERSIL-HFA3661IA Datasheet
45Kb / 5P
2.0GHz to 2.7GHz DownConverter
1999 02
HFA3661IA INTERSIL-HFA3661IA Datasheet
45Kb / 5P
2.0GHz to 2.7GHz DownConverter
February 1999
HFA3661IA96 INTERSIL-HFA3661IA96 Datasheet
45Kb / 5P
2.0GHz to 2.7GHz DownConverter
1999 02
HFA3661IA96 INTERSIL-HFA3661IA96 Datasheet
45Kb / 5P
2.0GHz to 2.7GHz DownConverter
February 1999
More results


Similar Description - HFA3664

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3663 INTERSIL-HFA3663 Datasheet
47Kb / 5P
2.3GHz UpConverter with Gain Control
January 1999
HFA3667 INTERSIL-HFA3667 Datasheet
189Kb / 6P
CDMA/AMPS, UpConverter with Gain Control
September 1998
logo
Maxim Integrated Produc...
MAX2383 MAXIM-MAX2383 Datasheet
174Kb / 8P
W-CDMA Upconverter and PA Driver with Power Control
Rev 1; 8/03
logo
TriQuint Semiconductor
TQM879008 TRIQUINT-TQM879008 Datasheet
1,014Kb / 11P
1.5-2.7GHz 쩍 W Digital Variable Gain Amplifier
TQM879006A TRIQUINT-TQM879006A Datasheet
902Kb / 11P
1.4-2.7GHz W Digital Variable Gain Amplifier
logo
M/A-COM Technology Solu...
MAAM-009320-V1 MA-COM-MAAM-009320-V1 Datasheet
306Kb / 11P
Variable Gain Amplifier with Analog Control
logo
Analog Devices
AD8367S AD-AD8367S Datasheet
1Mb / 19P
Variable Gain Amplifier with Automatic Gain Control Detector
23-Feb-2017
ADL5330 AD-ADL5330_17 Datasheet
678Kb / 24P
VGA with Gain Control Range
11/2017-Rev. A to Rev. B
ADL5331 AD-ADL5331_17 Datasheet
693Kb / 15P
VGA with Gain Control Range
10/2017-Rev. 0 to Rev. A
logo
Qorvo, Inc
RFFC2071 QORVO-RFFC2071 Datasheet
1Mb / 23P
2.7GHz RF SYNTHESIZER/VCO WITH 2.7GHz RF SYNTHESIZER/VCO WITH
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com