Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA3841 Datasheet (PDF) - Intersil Corporation

HFA3841 Datasheet PDF - Intersil Corporation
Part # HFA3841
Download  HFA3841 Download
File Size   211.11 Kbytes
Page   27 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Wireless LAN Medium Access Controller

HFA3841 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA3841 Datasheet PDF - Intersil Corporation

Part # HFA3841
Download  HFA3841 Click to download

File Size   211.11 Kbytes
Page   27 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Wireless LAN Medium Access Controller

HFA3841 Datasheet (HTML) - Intersil Corporation


HFA3841 Product details

The Intersil HFA3841 Wireless LAN Medium Access Controller is part of the PRISM® Enterprise 2.4GHz WLAN chip set. The HFA3841 directly interfaces with the Intersil HFA386x family of Baseband Processors, offering a complete end-toend chip set solution for wireless LAN products. Protocol and PHY support are implemented in firmware to allow custom protocol and different PHY transceivers.

Features
• IEEE802.11 Standard Data Rates: 1, 2, 5.5 and 11Mbps
• Part of the Intersil PRISM Wireless LAN Chip Set
• Full Implementation of the MAC Protocol Specified in IEEE Std. 802.11-1999 and the 802.11b Draft Standard
• Host Interface Supports Full 16-Bit Implementation of PC Card 95, also ISA PnP with Additional Chip
• Host Interface Provides Dual Buffer Access Paths
• External Memory Interface Supports up to 4M bytes RAM
• Internal Encryption Engine Executes IEEE802.11 WEP
• Low Power Operation; 25mA Active, 8mA Doze, <1mA Sleep
• Operation at 2.7V to 3.6V Supply
• 3V to 5V Tolerant Input/Outputs
• 128 Pin LQFP Package Targeted for Type II PC Cards
• IEEE802.11 Wireless LAN MAC Protocol Firmware and Microsoft® Windows® Software Drivers

Applications
• High Data Rate Wireless LAN
• PC Card Wireless LAN Adapters
• ISA, ISA PnP WLAN Cards
• PCI Wireless LAN Cards (Using Ext. Bridge Chip)
• Wireless LAN Modules
• Wireless LAN Access Points
• Wireless Bridge Products
• Wireless Point-to-Multipoint Systems




Similar Part No. - HFA3841

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3842 INTERSIL-HFA3842 Datasheet
512Kb / 26P
Wireless LAN Medium Access Controller
June 2001
HFA3842A INTERSIL-HFA3842A Datasheet
528Kb / 27P
PCMCIA/USB Wireless LAN Medium Access Controller
April 2001
HFA3842AIN INTERSIL-HFA3842AIN Datasheet
528Kb / 27P
PCMCIA/USB Wireless LAN Medium Access Controller
April 2001
HFA3842AIN-TK INTERSIL-HFA3842AIN-TK Datasheet
528Kb / 27P
PCMCIA/USB Wireless LAN Medium Access Controller
April 2001
HFA3842B INTERSIL-HFA3842B Datasheet
519Kb / 26P
PCMCIA/USB Wireless LAN Medium Access Controller
June 2001
More results


Similar Description - HFA3841

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3842 INTERSIL-HFA3842 Datasheet
512Kb / 26P
Wireless LAN Medium Access Controller
June 2001
ISL3873 INTERSIL-ISL3873 Datasheet
215Kb / 31P
Wireless LAN Integrated Medium Access Controller with Baseband Processor
February 2001
HFA3842A INTERSIL-HFA3842A Datasheet
528Kb / 27P
PCMCIA/USB Wireless LAN Medium Access Controller
April 2001
HFA3842B INTERSIL-HFA3842B Datasheet
519Kb / 26P
PCMCIA/USB Wireless LAN Medium Access Controller
June 2001
ISL3871A INTERSIL-ISL3871A Datasheet
37Kb / 1P
Wireless LAN Integrated Medium Access Controller with Baseband Processor
April 2002
ISL3873A INTERSIL-ISL3873A Datasheet
778Kb / 42P
Wireless LAN Integrated Medium Access Controller with Baseband Processor
September 2001
ISL3871IK18 INTERSIL-ISL3871IK18 Datasheet
28Kb / 1P
Wireless LAN Integrated Medium Access Controller with Baseband Processor
March 2003
logo
International Rectifier
ISL3893 IRF-ISL3893 Datasheet
108Kb / 1P
Wireless LAN Integrated Medium Access Controller with Baseband Processor
logo
Intersil Corporation
ISL3880 INTERSIL-ISL3880 Datasheet
113Kb / 1P
Wireless LAN Integrated Medium Access Controller with Baseband Processor
March 2003
ISL3886 INTERSIL-ISL3886 Datasheet
43Kb / 1P
Wireless LAN Integrated Medium Access Controller with Baseband Processor
July 2003
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com