Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA5251 Datasheet (PDF) - Intersil Corporation

HFA5251 Datasheet PDF - Intersil Corporation
Part # HFA5251
Download  HFA5251 Download
File Size   137.3 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 800MHz Monolithic Pin Driver

HFA5251 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA5251 Datasheet PDF - Intersil Corporation

Part # HFA5251
Download  HFA5251 Click to download

File Size   137.3 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 800MHz Monolithic Pin Driver

HFA5251 Datasheet (HTML) - Intersil Corporation


HFA5251 Product details

The HFA5251 is a very high speed monolithic pin driver solution for high performance test systems. The device will switch at high data rates between two input voltage levels providing variable amplitude pulses. The output impedance is trimmed to achieve a precision 50Ω source for impedance matching. Two differential ECL/TTL compatible inputs control the operation of the HFA5251, one controlling the VHIGH/VLOW switching and the other controlling the output’s high-impedance state. The HFA5251’s 800MHz data rate makes it compatible with today’s high-speed VLSI test systems and the +7V to -2V output swing allows testing of all common logic families.

Features
• High Digital Data Rate . . . . . . . . . . . . . . . . . . . . . 800MHz
• Very Fast Rise/Fall Times. . . . . . . . . . . . . . . . . . . . . 500ps
• Wide Output Range . . . . . . . . . . . . . . . . . . . . . +7V to -2V
• Precise 50Ω Output Impedance
• High Impedance, Three-State Output Control

Applications
• IC Tester Pin Electronics
• Pattern Generators
• Pulse Generators
• Level Comparator/Translator




Similar Part No. - HFA5251

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA5250 INTERSIL-HFA5250 Datasheet
577Kb / 5P
500MHz, Ultra High Speed Monolithic Pin Driver
October 1998
HFA5250CB INTERSIL-HFA5250CB Datasheet
577Kb / 5P
500MHz, Ultra High Speed Monolithic Pin Driver
October 1998
logo
Harris Corporation
HFA5253 HARRIS-HFA5253 Datasheet
527Kb / 18P
800MHz, Ultra High-Speed Monolithic Pin Driver
HFA5253CB HARRIS-HFA5253CB Datasheet
527Kb / 18P
800MHz, Ultra High-Speed Monolithic Pin Driver
More results


Similar Description - HFA5251

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
E692AHJ SEMTECH-E692AHJ Datasheet
128Kb / 16P
200 MHz Monolithic Dual Pin Electronics Driver
E693AHJ SEMTECH-E693AHJ Datasheet
76Kb / 11P
500 MHz Monolithic Dual Pin Electronics Driver
logo
Elantec Semiconductor
EL1056AC ELANTEC-EL1056AC Datasheet
311Kb / 16P
Monolithic High-Speed Pin Driver
logo
Intersil Corporation
EL1056A INTERSIL-EL1056A Datasheet
479Kb / 12P
Monolithic High-Speed Pin Driver
March 1993
EL2021 INTERSIL-EL2021 Datasheet
363Kb / 8P
Monolithic Pin Driver
November 1993
HFA5250 INTERSIL-HFA5250 Datasheet
577Kb / 5P
500MHz, Ultra High Speed Monolithic Pin Driver
October 1998
logo
Harris Corporation
HFA5253 HARRIS-HFA5253 Datasheet
527Kb / 18P
800MHz, Ultra High-Speed Monolithic Pin Driver
logo
Intersil Corporation
EL7154 INTERSIL-EL7154 Datasheet
281Kb / 8P
High Speed, Monolithic Pin Driver
September 7, 2010
EL7154CN INTERSIL-EL7154CN Datasheet
278Kb / 8P
High Speed, Monolithic Pin Driver
September 7, 2010
logo
Renesas Technology Corp
EL7154 RENESAS-EL7154 Datasheet
500Kb / 9P
High Speed, Monolithic Pin Driver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com