Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB1104 Datasheet (PDF) - KODENSHI_AUK CORP.

OPB1104 Datasheet PDF - KODENSHI_AUK CORP.
Part # OPB1104
Download  OPB1104 Download
File Size   104.43 Kbytes
Page   1 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description Silicon Photo Transistor

OPB1104 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPB1104 Datasheet PDF - KODENSHI_AUK CORP.

Part # OPB1104
Download  OPB1104 Click to download

File Size   104.43 Kbytes
Page   1 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description Silicon Photo Transistor

OPB1104 Datasheet (HTML) - KODENSHI_AUK CORP.


OPB1104 Product details

Structure
1.1 Chip Size : 0.42mm X 1.17mm
1.2 Chip thickness : 280±20um
1.3 Metallization : Top - Al, Bottom - Au
1.4 Passivation : Silicon Nitride
1.5 Bonding Pad Size
   - Emitter : 130um
   - Base : 60um X 60um
1.6 Active Area : 0.31mm X 0.46mm




Similar Part No. - OPB1104

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB100 TTELEC-OPB100 Datasheet
844Kb / 3P
Optical Emitter and Sensor Pair
logo
OPTEK Technologies
OPB100-EZ OPTEK-OPB100-EZ Datasheet
475Kb / 3P
Optical Emitter and Sensor Pair
OPB100-EZ OPTEK-OPB100-EZ Datasheet
304Kb / 3P
Optical Emitter and Sensor Pair
2/2013
logo
TT Electronics.
OPB100-EZ TTELEC-OPB100-EZ Datasheet
844Kb / 3P
Optical Emitter and Sensor Pair
logo
OPTEK Technologies
OPB100-SZ OPTEK-OPB100-SZ Datasheet
475Kb / 3P
Optical Emitter and Sensor Pair
More results


Similar Description - OPB1104

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BPT-BP0331 YSTONE-BPT-BP0331 Datasheet
395Kb / 1P
SILICON PHOTO TRANSISTOR
logo
KODENSHI_AUK CORP.
KDT5001A_0604 KODENSHI-KDT5001A_0604 Datasheet
541Kb / 2P
Silicon photo transistor
KDT5002A KODENSHI-KDT5002A Datasheet
404Kb / 3P
Silicon photo transistor
OPB0422 KODENSHI-OPB0422 Datasheet
124Kb / 1P
Silicon Photo Transistor
OPB0462 KODENSHI-OPB0462 Datasheet
139Kb / 1P
Silicon Photo Transistor
OPB0505P KODENSHI-OPB0505P Datasheet
67Kb / 1P
Silicon Photo Transistor
OPB0604 KODENSHI-OPB0604 Datasheet
101Kb / 1P
Silicon Photo Transistor
OPB0606 KODENSHI-OPB0606 Datasheet
119Kb / 1P
Silicon Photo Transistor
OPB0642 KODENSHI-OPB0642 Datasheet
100Kb / 1P
Silicon Photo Transistor
OPB0808 KODENSHI-OPB0808 Datasheet
102Kb / 1P
Silicon Photo Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com