Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGTG30N60B3 Datasheet (PDF) - Intersil Corporation

HGTG30N60B3 Datasheet PDF - Intersil Corporation
Part # HGTG30N60B3
Download  HGTG30N60B3 Download
File Size   105.22 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 60A, 600V, UFS Series N-Channel IGBT

HGTG30N60B3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HGTG30N60B3 Datasheet PDF - Intersil Corporation

Part # HGTG30N60B3
Download  HGTG30N60B3 Click to download

File Size   105.22 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 60A, 600V, UFS Series N-Channel IGBT

HGTG30N60B3 Datasheet (HTML) - Intersil Corporation


HGTG30N60B3 Product details

The HGTG30N60B3 is a MOS gated high voltage switching device combining the best features of MOSFETs and bipolar transistors. This device has the high input impedance of a MOSFET and the low on-state conduction loss of a bipolar transistor. The much lower on-state voltage drop varies only moderately between 25°C and 150°C.

Features
• 60A, 600V, TC = 25°C
• 600V Switching SOA Capability
• Typical Fall Time. . . . . . . . . . . . . . . . . 90ns at TJ = 150°C
• Short Circuit Rating
• Low Conduction Loss




Similar Part No. - HGTG30N60B3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG30N60B3 FAIRCHILD-HGTG30N60B3 Datasheet
221Kb / 8P
60A, 600V, UFS Series N-Channel IGBT
HGTG30N60B3D FAIRCHILD-HGTG30N60B3D Datasheet
214Kb / 8P
60A, 600V, UFS Series N-Channel IGBT
logo
Intersil Corporation
HGTG30N60B3D INTERSIL-HGTG30N60B3D Datasheet
109Kb / 7P
60A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG30N60B3D FAIRCHILD-HGTG30N60B3D Datasheet
228Kb / 8P
60A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG30N60B3D FAIRCHILD-HGTG30N60B3D_04 Datasheet
228Kb / 8P
60A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results


Similar Description - HGTG30N60B3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG30N60B3 FAIRCHILD-HGTG30N60B3 Datasheet
221Kb / 8P
60A, 600V, UFS Series N-Channel IGBT
HGTG30N60B3D FAIRCHILD-HGTG30N60B3D Datasheet
214Kb / 8P
60A, 600V, UFS Series N-Channel IGBT
HGTG40N60B3 FAIRCHILD-HGTG40N60B3 Datasheet
90Kb / 8P
70A, 600V, UFS Series N-Channel IGBT
logo
Intersil Corporation
HGTG20N60C3 INTERSIL-HGTG20N60C3 Datasheet
81Kb / 7P
45A, 600V, UFS Series N-Channel IGBT
January 2000
HGTG30N60B3D INTERSIL-HGTG30N60B3D Datasheet
109Kb / 7P
60A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG30N60C3 INTERSIL-HGTG30N60C3 Datasheet
99Kb / 6P
63A, 600V, UFS Series N-Channel IGBT
January 2000
HGTG40N60B3 INTERSIL-HGTG40N60B3 Datasheet
76Kb / 7P
70A, 600V, UFS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTG40N60B3 FAIRCHILD-HGTG40N60B3 Datasheet
154Kb / 8P
70A, 600V, UFS Series N-Channel IGBT
logo
Harris Corporation
HGTG40N6 HARRIS-HGTG40N6 Datasheet
65Kb / 6P
70A, 600V, UFS Series N-Channel IGBT
logo
Fairchild Semiconductor
HGT1S20N60C3S9A FAIRCHILD-HGT1S20N60C3S9A Datasheet
153Kb / 8P
45A, 600V, UFS Series N-Channel IGBT
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com