Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUN0550F Datasheet (PDF) - KODENSHI_AUK CORP.

SUN0550F Datasheet PDF - KODENSHI_AUK CORP.
Part # SUN0550F
Download  SUN0550F Download
File Size   376.67 Kbytes
Page   8 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description Advanced N-Ch Power MOSFET

SUN0550F Datasheet (PDF)

Go To PDF Page Download Datasheet
SUN0550F Datasheet PDF - KODENSHI_AUK CORP.

Part # SUN0550F
Download  SUN0550F Click to download

File Size   376.67 Kbytes
Page   8 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description Advanced N-Ch Power MOSFET

SUN0550F Datasheet (HTML) - KODENSHI_AUK CORP.


SUN0550F Product details

HIGH SPEED SWITCHING APPLICATION



Features

• Low drain-source On resistance: RDS(on)=1.23Ω(Typ.)

• Low gate charge: Qg=10.5nC (Typ.)

• Low reverse transfer capacitance: Crss=2pF (Typ.)

• RoHS compliant device

• 100% avalanche tested




Similar Part No. - SUN0550F

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SUN0550D KODENSHI-SUN0550D Datasheet
310Kb / 8P
Advanced N-Ch Power MOSFET
More results


Similar Description - SUN0550F

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMK630F KODENSHI-SMK630F Datasheet
534Kb / 8P
Advanced N-Ch Power MOSFET
SMK0460IS KODENSHI-SMK0460IS Datasheet
348Kb / 8P
Advanced N-Ch Power MOSFET
STK830D KODENSHI-STK830D Datasheet
470Kb / 8P
Advanced N-Ch Power MOSFET
SUN0550D KODENSHI-SUN0550D Datasheet
310Kb / 8P
Advanced N-Ch Power MOSFET
SMK0260I KODENSHI-SMK0260I Datasheet
533Kb / 8P
Advanced N-Ch Power MOSFET
SMN0665FD KODENSHI-SMN0665FD Datasheet
429Kb / 8P
Advanced N-Ch Power MOSFET
SNN5010D KODENSHI-SNN5010D Datasheet
409Kb / 8P
Advanced N-Ch Power MOSFET
SUN08A50D KODENSHI-SUN08A50D Datasheet
487Kb / 8P
Advanced N-Ch Power MOSFET
SUN09A40D KODENSHI-SUN09A40D Datasheet
534Kb / 8P
Advanced N-Ch Power MOSFET
logo
Shenzhen Foster Semicon...
FIR5N60FG FOSTER-FIR5N60FG Datasheet
5Mb / 9P
Advanced N-Ch Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com