Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO3414 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

AO3414 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # AO3414
Download  AO3414 Download
File Size   1251.11 Kbytes
Page   4 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description N-Channel Enhancement MOSFET

AO3414 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO3414 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # AO3414
Download  AO3414 Click to download

File Size   1251.11 Kbytes
Page   4 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description N-Channel Enhancement MOSFET

AO3414 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


AO3414 Product details

Features
• VDS (V) = 20V
• ID = 4.2A (VGS=4.5V)
• RDS(ON) < 50Ω (VGS = 4.5V)
• RDS(ON) < 63Ω (VGS = 2.5V)
• RDS(ON) < 87Ω (VGS = 1.8V)




Similar Part No. - AO3414

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO3414 AOSMD-AO3414 Datasheet
113Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO3414 KEXIN-AO3414 Datasheet
53Kb / 2P
N-Channel Enhancement Mode
logo
Alpha & Omega Semicondu...
AO3414 AOSMD-AO3414 Datasheet
430Kb / 5P
20V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO3414 VBSEMI-AO3414 Datasheet
1Mb / 9P
N-Channel 20 V (D-S) MOSFET
logo
EVER SEMICONDUCTOR CO.,...
AO3414 EVVOSEMI-AO3414 Datasheet
341Kb / 3P
N-Channel Enhancement Mode
Rev:2022A2
More results


Similar Description - AO3414

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
N-Channel Enhancement MOSFET
KX6N70F KEXIN-KX6N70F Datasheet
4Mb / 4P
N-Channel Enhancement MOSFET
SI2324DS KEXIN-SI2324DS Datasheet
2Mb / 6P
N-Channel Enhancement MOSFET
SI2328DS KEXIN-SI2328DS Datasheet
1Mb / 4P
N-Channel Enhancement MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com