Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-303 Datasheet (PDF) - Intersil Corporation

HI-303 Datasheet PDF - Intersil Corporation
Part # HI-303
Download  HI-303 Download
File Size   117.13 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Analog Switches

HI-303 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI-303 Datasheet PDF - Intersil Corporation

Part # HI-303
Download  HI-303 Click to download

File Size   117.13 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Analog Switches

HI-303 Datasheet (HTML) - Intersil Corporation


HI-303 Product details

The HI-301 thru HI-307 series of switches are monolithic devices fabricated using CMOS technology and the Intersil dielectric isolation process. These switches feature break before-make switching, low and nearly constant ON resistance over the full analog signal range, and low power dissipation, (a few mW for the Hl-301 and HI-303, a few hundred mW for the HI-307).

Features
• Analog Signal Range (±15V Supplies) . . . . . . . . . . ±15V
• Low Leakage at 25°C . . . . . . . . . . . . . . . . . . . . . . . 40pA
• Low Leakage at 125°C . . . . . . . . . . . . . . . . . . . . . . . 1nA
• Low On Resistance at 25°C . . . . . . . . . . . . . . . . . . . 35Ω
• Break-Before-Make Delay . . . . . . . . . . . . . . . . . . . . 60ns
• Charge Injection . . . . . . . . . . . . . . . . . . . . . . . . . . . 30pC
• TTL, CMOS Compatible
• Symmetrical Switch Elements
• Low Operating Power (Typ for Hl-301 and HI-303) . . 1.0mW

Applications
• Sample and Hold (i.e., Low Leakage Switching)
• Op Amp Gain Switching (i.e., Low On Resistance)
• Portable, Battery Operated Circuits
• Low Level Switching Circuits
• Dual or Single Supply Systems




Similar Part No. - HI-303

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-303 INTERSIL-HI-303 Datasheet
327Kb / 11P
Dual, SPDT CMOS Analog Switch
November 17, 2004
logo
Renesas Technology Corp
HI-303 RENESAS-HI-303 Datasheet
384Kb / 11P
Dual SPDT CMOS Analog Switch
November 2003
HI-303 RENESAS-HI-303 Datasheet
391Kb / 12P
Dual, SPDT CMOS Analog Switch
Oct 1, 2015
HI-303-883 RENESAS-HI-303-883 Datasheet
380Kb / 11P
Dual SPDT CMOS Analog Switch
November 2003
logo
Intersil Corporation
HI-303/883 INTERSIL-HI-303/883 Datasheet
240Kb / 11P
Dual SPDT CMOS Analog Switch
November 2003
More results


Similar Description - HI-303

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
CMOS Analog Switches
April 6, 2005
logo
Vishay Siliconix
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
CMOS Analog Switches
27-Jun-05
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
CMOS Analog Switches
22-Jan-01
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
CMOS Analog Switches
Rev 1; 5/04
logo
Vishay Siliconix
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
CMOS Analog Switches
28-Feb-11
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
CMOS Analog Switches
22-Jan-01
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
CMOS Analog Switches
11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
CMOS Analog Switches
16-Jul-01
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
CMOS Analog Switches
11-Aug-03
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com