Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI1276 Datasheet (PDF) - Intersil Corporation

HI1276 Datasheet PDF - Intersil Corporation
Part # HI1276
Download  HI1276 Download
File Size   102.91 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Bit, 500 MSPS, Flash A/D Converter

HI1276 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI1276 Datasheet PDF - Intersil Corporation

Part # HI1276
Download  HI1276 Click to download

File Size   102.91 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Bit, 500 MSPS, Flash A/D Converter

HI1276 Datasheet (HTML) - Intersil Corporation


HI1276 Product details

Description

The HI1276 is an 8-bit, ultra-high-speed, flash Analog-to-Digital converter IC capable of digitizing analog signals at a maximum rate of 500 MSPS. The digital I/O levels of this A/D converter are compatible with ECL 100K/10KH/10K.

The HI1276 is available in the Industrial temperature range and is supplied in a 68 lead ceramic LCC package.



Features

• Differential Linearity Error . . . . . . . . . . . . . . . ±0.5 LSB

• Integral Linearity Error . . . . . . . . . . . . . . . . . . ±0.7 LSB

• Built-In Integral Linearity Compensation Circuit

• Ultra High Speed Operation with Maximum

   Conversion Rate (Min). . . . . . . . . . . . . . . . . . 500 MSPS

• Low Input Capacitance (Typ) . . . . . . . . . . . . . . . . . 20pF

• Wide Analog Input Bandwidth

   (Min for Full Scale Input) . . . . . . . . . . . . . . . . . . 300MHz

• Single Power Supply . . . . . . . . . . . . . . . . . . . . . . . -5.2V

• Low Power Consumption (Typ) . . . . . . . . . . . . . . . 2.8W

• Low Error Rate

• Capable of Driving 50Ω Loads

• Direct Replacement for Sony CXA1276K



Applications

• Radar Systems

• Communication Systems

• Digital Oscilloscopes

• Direct RF Down-Conversion



 




Similar Part No. - HI1276

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1276Y INTERSIL-HI1276Y Datasheet
492Kb / 8P
8-Bit 500 MSPS Flash A/D Converter
April 1995
More results


Similar Description - HI1276

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1276K SONY-CXA1276K Datasheet
570Kb / 25P
8-BIT 500 MSPS FLASH A/D CONVERTER
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
8-bit 125 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1276Y INTERSIL-HI1276Y Datasheet
492Kb / 8P
8-Bit 500 MSPS Flash A/D Converter
April 1995
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
8-Bit, 125 MSPS Flash A/D Converter
April 1995
logo
Fairchild Semiconductor
SPT7750 FAIRCHILD-SPT7750 Datasheet
90Kb / 8P
8-BIT, 500 MSPS, FLASH A/D CONVERTER
logo
Intersil Corporation
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
8-Bit, 20 MSPS Flash A/D Converter
May 1997
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
8-Bit, 20 MSPS Flash A/D Converter
May 1997
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
8-Bit, 20 MSPS, Flash A/D Converter
October 25, 2005
logo
Cadeka Microcircuits LL...
SPT7750 CADEKA-SPT7750 Datasheet
282Kb / 8P
8-BIT, 500 MSPS, FLASH A/D CONVERTER
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com