Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI20201 Datasheet (PDF) - Intersil Corporation

HI20201 Datasheet PDF - Intersil Corporation
Part # HI20201
Download  HI20201 Download
File Size   82.53 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 10-Bit, 160 MSPS, Ultra High Speed D/A Converter

HI20201 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI20201 Datasheet PDF - Intersil Corporation

Part # HI20201
Download  HI20201 Click to download

File Size   82.53 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 10-Bit, 160 MSPS, Ultra High Speed D/A Converter

HI20201 Datasheet (HTML) - Intersil Corporation


HI20201 Product details

Description
The HI20201 is a 160MHz ultra high speed D/A converter. The converter is based on an R/2R switched current source architecture that includes an input data register with a complement feature and is Emitter Coupled Logic (ECL) compatible.

Features
• Throughput Rate . . . . . . . . . . . . . . . . . . . . . . . . 160MHz
• Resolution (HI20201) . . . . . . . . . . . . . . . . . . . . . . . 10-Bit
• Differential Linearity Error . . . . . . . . . . . . . . . . 0.5 LSB
• Low Glitch Noise
• Analog Multiplying Function
• Low Power Consumption . . . . . . . . . . . . . . . . . .420mW
• Evaluation Board Available
• Direct Replacement for Sony CX20201-1, CX20202-1

Applications
• Wireless Communications
• Signal Reconstruction
• Direct Digital Synthesis
• High Definition Video Systems
• Digital Measurement Systems
• Radar




Similar Part No. - HI20201

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI20203 INTERSIL-HI20203 Datasheet
80Kb / 10P
8-Bit, 160 MSPS, Ultra High-Speed D/A Converter
August 1997
HI20203JCB INTERSIL-HI20203JCB Datasheet
80Kb / 10P
8-Bit, 160 MSPS, Ultra High-Speed D/A Converter
August 1997
HI20203JCB INTERSIL-HI20203JCB Datasheet
663Kb / 10P
8-Bit, 160 MSPS, Ultra High-Speed D/A Converter
August 2000
HI20203JCP INTERSIL-HI20203JCP Datasheet
80Kb / 10P
8-Bit, 160 MSPS, Ultra High-Speed D/A Converter
August 1997
HI20203 INTERSIL-HI20203_00 Datasheet
663Kb / 10P
8-Bit, 160 MSPS, Ultra High-Speed D/A Converter
August 2000
More results


Similar Description - HI20201

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7852 FAIRCHILD-SPT7852 Datasheet
67Kb / 11P
DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7863 FAIRCHILD-SPT7863 Datasheet
91Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Intersil Corporation
HI20203 INTERSIL-HI20203 Datasheet
80Kb / 10P
8-Bit, 160 MSPS, Ultra High-Speed D/A Converter
August 1997
HI5721 INTERSIL-HI5721 Datasheet
205Kb / 14P
10-Bit, 125 MSPS, High Speed D/A Converter
June 1999
HI20203 INTERSIL-HI20203_00 Datasheet
663Kb / 10P
8-Bit, 160 MSPS, Ultra High-Speed D/A Converter
August 2000
logo
Cadeka Microcircuits LL...
SPT7861 CADEKA-SPT7861 Datasheet
180Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Analog Devices
AD876JST AD-AD876JST Datasheet
338Kb / 16P
10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876 AD-AD876_15 Datasheet
338Kb / 16P
10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com