Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM-65162 Datasheet (PDF) - Intersil Corporation

HM-65162 Datasheet PDF - Intersil Corporation
Part # HM-65162
Download  HM-65162 Download
File Size   42.81 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2K x 8 Asynchronous CMOS Static RAM

HM-65162 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM-65162 Datasheet PDF - Intersil Corporation

Part # HM-65162
Download  HM-65162 Click to download

File Size   42.81 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2K x 8 Asynchronous CMOS Static RAM

HM-65162 Datasheet (HTML) - Intersil Corporation


HM-65162 Product details

Description

The HM-65162 is a CMOS 2048 x 8 Static Random Access Memory manufactured using the Intersil Advanced SAJI V process. The device utilizes asynchronous circuit design for fast cycle time and ease of use.



Features

• Fast Access Time . . . . . . . . . . . . . . . . . . 70/90ns Max

• Low Standby Current. . . . . . . . . . . .  . . . . .50µA Max

• Low Operating Current . . . . . . . . . . .. . . . . 70mA Max

• Data Retention at 2.0V. . . . . . . . . . . . . . . .20µA Max

• TTL Compatible Inputs and Outputs

• JEDEC Approved Pinout (2716, 6116 Type)

• No Clocks or Strobes Required

• Equal Cycle and Access Time

• Single 5V Supply

• Gated Inputs

• No Pull-Up or Pull-Down Resistors Required



 




Similar Part No. - HM-65162

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HM-65162 RENESAS-HM-65162 Datasheet
403Kb / 9P
2kx8 Asynchronous CMOS Static RAM
March 1997
logo
Intersil Corporation
HM-65162/883 INTERSIL-HM-65162/883 Datasheet
213Kb / 9P
2K x 8 Asynchronous CMOS Static RAM
March 1997
logo
Renesas Technology Corp
HM-65162/883 RENESAS-HM-65162/883 Datasheet
403Kb / 9P
2kx8 Asynchronous CMOS Static RAM
March 1997
logo
Intersil Corporation
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
2K x 8 Asynchronous CMOS Static RAM
March 1997
More results


Similar Description - HM-65162

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
CMOS 16K (2K x 8) Static RAM
logo
Cypress Semiconductor
CY6116A CYPRESS-CY6116A Datasheet
466Kb / 9P
2K x 8 Static RAM
Monday, November 8, 1993
CY7C128A CYPRESS-CY7C128A Datasheet
217Kb / 9P
2K x 8 Static RAM
logo
Intersil Corporation
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
2K x 8 Asynchronous CMOS Static RAM
March 1997
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A_06 Datasheet
270Kb / 9P
2K x 8 Static RAM
logo
Intersil Corporation
HM-65642 INTERSIL-HM-65642 Datasheet
273Kb / 11P
8K x 8 Asynchronous CMOS Static RAM
HM1-65642B-883 INTERSIL-HM1-65642B-883 Datasheet
273Kb / 11P
8K x 8 Asynchronous CMOS Static RAM
May 2002
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A_07 Datasheet
193Kb / 10P
2K x 8 Static RAM
logo
Renesas Technology Corp
HM-65642 RENESAS-HM-65642 Datasheet
430Kb / 8P
8K x 8 Asynchronous CMOS Static RAM
May 2002
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com