Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1200R Datasheet (PDF) - YOBON TECHNOLOGIES,INC.

YB1200R Datasheet PDF - YOBON TECHNOLOGIES,INC.
Part # YB1200R
Download  YB1200R Download
File Size   698.1 Kbytes
Page   11 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description 150mA High PSRR with Auto-Discharge LDO Regulator

YB1200R Datasheet (PDF)

Go To PDF Page Download Datasheet
YB1200R Datasheet PDF - YOBON TECHNOLOGIES,INC.

Part # YB1200R
Download  YB1200R Click to download

File Size   698.1 Kbytes
Page   11 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description 150mA High PSRR with Auto-Discharge LDO Regulator

YB1200R Datasheet (HTML) - YOBON TECHNOLOGIES,INC.


YB1200R Product details

Description

The YB1200R is a series of ultra-low-noise, low dropout (LDO) linear regulators with 2.0% output voltage accuracy. The YB1200R regulators achieve a low 180mV dropout at 150mA load current of 3.3V output and are available in voltages ranging from 1.2V to 3.6V with 0.1V per step (custom voltage is considerable at request).



Features

„ High Accuracy Output Voltage : + 2%

„ Wide Output Voltage Range : 1.2 ~ 3.6V

„ Ultra-Low-Noise Low-Drop-Out

„ Typical Output Current : 150mA

„ Low Quiescent Current : ~ 60μA

„ 180mV Dropout at 150mA 3.3V Output

„ Stable with 0.47μF Ceramic Capacitor

„ Only Need Input and Output Capacitors

„ Thermal Protection Shutdown

„ Output Short-Circuit Current Limit

„ Built-In Internal Soft-Start

„ Built-In Auto-Discharge Function

„ Green Package (RoHS) Available



Applications

„ PDA, Notebook, PC Computers

„ DSC, Handset Camera Modules

„ PCMCIA Cards, PC Cameras

„ USB Based Portable Devices

„ GSM/GPRS/3G RF Transceiver

„ Wireless LANs

„ Bluetooth Portable Radios

„ Battery-Powered Devices




Similar Part No. - YB1200R

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1200 YOBON-YB1200 Datasheet
434Kb / 11P
High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200SC70S-1.8G YOBON-YB1200SC70S-1.8G Datasheet
434Kb / 11P
High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200SC70S-2.5G YOBON-YB1200SC70S-2.5G Datasheet
434Kb / 11P
High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200SC70S-2.6G YOBON-YB1200SC70S-2.6G Datasheet
434Kb / 11P
High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200SC70S-2.8G YOBON-YB1200SC70S-2.8G Datasheet
434Kb / 11P
High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
More results


Similar Description - YB1200R

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9181 RICHTEK-RT9181 Datasheet
200Kb / 10P
150MA LDO REGULATOR WITH POG
logo
Analog Microelectronics
AME8833 AME-AME8833 Datasheet
284Kb / 14P
High PSRR, 150mA CMOS LDO
AME8833AEIV300 AME-AME8833AEIV300 Datasheet
292Kb / 14P
High PSRR, 150mA CMOS LDO
AME8820 AME-AME8820 Datasheet
156Kb / 14P
High PSRR, CSP, 150mA CMOS LDO
AME8838 AME-AME8838 Datasheet
279Kb / 19P
High PSRR, 150mA CMOS LDO
logo
Holtek Semiconductor In...
HT75B15 HOLTEK-HT75B15 Datasheet
2Mb / 15P
High PSRR 150mA LDO Regulator
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 2
AP7315 DIODES-AP7315 Datasheet
643Kb / 23P
150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 1
AP7342 DIODES-AP7342 Datasheet
2Mb / 14P
DUAL 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 2
logo
Mitsumi Electronics, Co...
MM336X MITSUMI-MM336X Datasheet
149Kb / 12P
150mA LDO with auto power save
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com