Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HP4936DY Datasheet (PDF) - Intersil Corporation

HP4936DY Datasheet PDF - Intersil Corporation
Part # HP4936DY
Download  HP4936DY Download
File Size   84.3 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5.8A, 30V, 0.037 Ohm, Dual N-Channel, Logic Level Power MOSFET

HP4936DY Datasheet (PDF)

Go To PDF Page Download Datasheet
HP4936DY Datasheet PDF - Intersil Corporation

Part # HP4936DY
Download  HP4936DY Click to download

File Size   84.3 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5.8A, 30V, 0.037 Ohm, Dual N-Channel, Logic Level Power MOSFET

HP4936DY Datasheet (HTML) - Intersil Corporation


HP4936DY Product details

This power MOSFET is manufactured using an innovative process. This advanced process technology achieves the lowest possible on-resistance per silicon area, resulting in outstanding performance. This device is capable of withstanding high energy in the avalanche mode and the diode exhibits very low reverse recovery time and stored charge. It was designed for use in applications where power efficiency is important, such as switching regulators, switching converters, motor drivers, relay drivers, lowvoltage bus switches, and power management in portable and battery-operated products.

Features
• Logic Level Gate Drive
• 5.8A, 30V
• rDS(ON) = 0.037Ω at ID = 5.8A, VGS = 10V
• rDS(ON) = 0.055Ω at ID = 4.7A, VGS = 4.5V
• Related Literature
    - TB334, “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - HP4936DY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HP4936DY FAIRCHILD-HP4936DY Datasheet
152Kb / 6P
5.8A, 30V, 0.037 Ohm, Dual N-Channel, Logic Level Power MOSFET
More results


Similar Description - HP4936DY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HP4936DY FAIRCHILD-HP4936DY Datasheet
152Kb / 6P
5.8A, 30V, 0.037 Ohm, Dual N-Channel, Logic Level Power MOSFET
HUF76105DK8 FAIRCHILD-HUF76105DK8 Datasheet
317Kb / 12P
5A, 30V, 0.050 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
HUF76423D3 FAIRCHILD-HUF76423D3 Datasheet
199Kb / 10P
20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFET Power MOSFETFairchild
HUFA76423D3 FAIRCHILD-HUFA76423D3 Datasheet
200Kb / 10P
20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76105DK8 INTERSIL-HUF76105DK8 Datasheet
176Kb / 12P
5A, 30V, 0.050 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
2000 06
HUF76113DK8 INTERSIL-HUF76113DK8 Datasheet
210Kb / 12P
6A, 30V, 0.032 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
June 2000
HUF76423D3 INTERSIL-HUF76423D3 Datasheet
127Kb / 9P
20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
October 1999
ITF86110DK8T INTERSIL-ITF86110DK8T Datasheet
200Kb / 13P
7.5A, 30V, 0.025 Ohm, Dual N-Channel, Logic Level, Power MOSFET
January 2000
RF1K49088 INTERSIL-RF1K49088 Datasheet
173Kb / 7P
3.5A, 30V, 0.06 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
August 1999
logo
E-CMOS Corporation
EC733322 E-CMOS-EC733322 Datasheet
321Kb / 4P
30V, 5.8A N-Channel MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com